Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2376 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AS2376
Description  LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS2376 Datasheet(HTML) 1 Page - Diodes Incorporated

  AS2376 Datasheet HTML 1Page - Diodes Incorporated AS2376 Datasheet HTML 2Page - Diodes Incorporated AS2376 Datasheet HTML 3Page - Diodes Incorporated AS2376 Datasheet HTML 4Page - Diodes Incorporated AS2376 Datasheet HTML 5Page - Diodes Incorporated AS2376 Datasheet HTML 6Page - Diodes Incorporated AS2376 Datasheet HTML 7Page - Diodes Incorporated AS2376 Datasheet HTML 8Page - Diodes Incorporated AS2376 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AS2376
Document number: DS45193 Rev. 1 - 2
1 of 13
www.diodes.com
September 2022
© Diodes Incorporated
AS2376
LOW-NOISE, LOW QUIESCENT
CURRENT, PRECISION OPERATIONAL AMPLIFIER
Description
The
DIODES™ AS2376 is a low noise (9.5nV/
), low offset (25
μV,
maximum) operational amplifier that is precision optimized using post
package trim. With a 5.5-MHz bandwidth the device is suitable for a wide
array of filtering and control applications.
The low operating voltage range, low quiescent current of 950
μA
(maximum), and excellent PSRR allow for noise sensitive applications
which are supplied from noisy low voltage rails.
The dual AS2376 is offered in the SO-8 (Standard) package specified for
operation from -40°C to +125°C.
Features
Low Noise: 9.5nV/
at 1kHz
0.1Hz to 10Hz Noise: 0.8
μV
PP
Quiescent Current: 760
μA (typical)
Low Offset Voltage: 5
μV (typ)
Gain Bandwidth Product: 5.5MHz
Rail-to-Rail Input and Output
Single-Supply Operation
Supply Voltage: 2.2V to 5.5V
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
An automotive-compliant part is available under separate
datasheet (AS2376Q)
Pin Assignments
TOP VIEW
1
2
3
7
6
5
4
8
+IN A
OUT A
−IN A
V
−
V+
OUT B
+IN B
-IN B
SO-8 (Standard)
AS2376
Applications
Auto pump
Position sensor
Vehicle occupant detection sensor
Airbag
Onboard charge (OBC)
DC-DC converter
Battery management system (BMS)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for
more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AS2376

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376QS-13 DIODES-AS2376QS-13 Datasheet
1Mb / 13P
LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
More results

Similar Description - AS2376

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Texas Instruments
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA2376AIYZDR TI-OPA2376AIYZDR Datasheet
1Mb / 30P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376 TI-OPA376_15 Datasheet
1Mb / 31P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com