Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS321 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AS321
Description  LOW POWER SINGLE OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS321 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AS321 Datasheet HTML 2Page - Diodes Incorporated AS321 Datasheet HTML 3Page - Diodes Incorporated AS321 Datasheet HTML 4Page - Diodes Incorporated AS321 Datasheet HTML 5Page - Diodes Incorporated AS321 Datasheet HTML 6Page - Diodes Incorporated AS321 Datasheet HTML 7Page - Diodes Incorporated AS321 Datasheet HTML 8Page - Diodes Incorporated AS321 Datasheet HTML 9Page - Diodes Incorporated AS321 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AS321
Document number: DS36976 Rev. 3 - 2
6 of 10
www.diodes.com
March 2018
© Diodes Incorporated
AS321
100
200
300
400
500
600
700
800
Time (µs)
0
4
8
12
16
20
Performance Characteristics (Cont.)
Voltage Follower Pulse Response (Small Signal)
Large Signal Frequency Response
Output Characteristics: Current Sourcing
Output Characteristics: Current Sinking
Current Limiting
1k
10k
100k
1M
0
5
10
15
20
Frequency (Hz)
0.1
1
10
100
0
1
2
3
4
5
6
7
8
Output Source Current (mA)
1E-3
0.01
0.1
1
10
100
0.01
0.1
1
10
V
CC
=15V
Output Sink Current (mA)
V
CC
=5V
-25
0
25
50
75
100
125
0
10
20
30
40
50
60
70
80
90
100
Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com