Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9893 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # MPC9893
Description  3.3V 1:12 LVCMOS PLL Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9893 Datasheet(HTML) 5 Page - Renesas Technology Corp

  MPC9893 Datasheet HTML 1Page - Renesas Technology Corp MPC9893 Datasheet HTML 2Page - Renesas Technology Corp MPC9893 Datasheet HTML 3Page - Renesas Technology Corp MPC9893 Datasheet HTML 4Page - Renesas Technology Corp MPC9893 Datasheet HTML 5Page - Renesas Technology Corp MPC9893 Datasheet HTML 6Page - Renesas Technology Corp MPC9893 Datasheet HTML 7Page - Renesas Technology Corp MPC9893 Datasheet HTML 8Page - Renesas Technology Corp MPC9893 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MPC9893 REVISION 8 3/16/16
5
©2016 Integrated Device Technology, Inc.
MPC9893 Data Sheet
3.3V 1:12 LVCMOS PLL CLOCK GENERATOR
Table 6. DC Characteristics (VCC = 3.3 V ± 5%, TA = –40° to 85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
2.0
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
0.8
V
LVCMOS
VOH
Output High Voltage
2.4
V
IOH = –24 mA
(1)
1. The MPC9893 is capable of driving 50
 transmission lines on the incident edge. Each output drives one 50  parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50  series terminated transmission lines.
VOL
Output Low Voltage
0.55
0.30
V
V
IOL = 24 mA
IOL = 12 mA
ZOUT
Output Impedance
14–17
IIN
Input Current
200
AV
IN = VCC or GND
ICC_PLL
Maximum PLL Supply Current
2.0
5.0
mA
VCC_PLL Pin
ICC
Maximum Quiescent Supply Current
4.0
mA
All VCC Pins
VTT
Output Termination Voltage
VCC2V
Table 7. DC Characteristics (VCC = 2.5 V ± 5%, TA = –40° to 85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
1.7
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
0.7
V
LVCMOS
VOH
Output High Voltage
1.8
V
IOH = –15 mA
(1)
1. The MPC9893 is capable of driving 50
 transmission lines on the incident edge. Each output drives one 50  parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50  series terminated transmission lines per
output.
VOL
Output Low Voltage
0.6
V
IOL = 15 mA
ZOUT
Output Impedance
17–20
IIN
Input Current
200
AV
IN = VCC or GND
ICC_PLL
Maximum PLL Supply Current
2.0
5.0
mA
VCC_PLL Pin
ICC
Maximum Quiescent Supply Current
4.0
mA
All VCC Pins
VTT
Output Termination Voltage
VCC2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com