Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9993 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # MPC9993
Description  Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9993 Datasheet(HTML) 5 Page - Renesas Technology Corp

  MPC9993 Datasheet HTML 1Page - Renesas Technology Corp MPC9993 Datasheet HTML 2Page - Renesas Technology Corp MPC9993 Datasheet HTML 3Page - Renesas Technology Corp MPC9993 Datasheet HTML 4Page - Renesas Technology Corp MPC9993 Datasheet HTML 5Page - Renesas Technology Corp MPC9993 Datasheet HTML 6Page - Renesas Technology Corp MPC9993 Datasheet HTML 7Page - Renesas Technology Corp MPC9993 Datasheet HTML 8Page - Renesas Technology Corp MPC9993 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MPC9993 REVISION 3 JANUARY 23, 2013
5
©2013 Integrated Device Technology, Inc.
MPC9993 Data Sheet
INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS) PLL CLOCK DRIVER
Table 5. AC Characteristics (VCC = 3.3 V  5%, TA = –40C to +85C)(1)
1. AC characteristics apply for parallel output termination of 50
 to VCC – 2 V.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Reference Frequency
16 feedback
50
100
MHz
PLL locked
fVCO
VCO Frequency Range(2)
16 feedback
2. The input reference frequency must match the VCO lock range divided by the feedback divider ratio (FB): fref = fVCO  FB.
800
1600
MHz
fMAX
Output Frequency
QA[1:0]
QB[2:0]
50
100
100
200
MHz
MHz
PLL locked
frefDC
Reference Input Duty Cycle
25
75
%
t()
Propagation Delay
SPO, static phase offset(3)
CLK0, CLK1 to any Q
3. CLK0, CLK1 to Ext_FB.
-2.0
0.9
+2.0
1.8
ns
ns
PLL_EN=1
PLL_EN=0
VPP
Differential Input Voltage(4)
(peak-to-peak)
4. VPP is the minimum differential input voltage swing required to maintain AC characteristics including SPO and device-to-device skew.
Applicable to CLK0, CLK1 and Ext_FB.
0.25
1.3
V
VCMR
Differential Input Crosspoint Voltage(5)
5. VCMR (AC) is the crosspoint of the differential input signal. Normal AC operation is obtained when the crosspoint is within the VCMR (AC)
range and the input swing lies within the V PP (AC) specification. Violation of VCMR (AC) or VPP (AC) impacts the SPO, device and part-to-part
skew. Applicable to CLK0, CLK1 and Ext_FB.
VCC-1.7
VCC-0.3
V
tsk(O)
Output-to-Output Skew
within QA[2:0] or QB[1:0]
within device
50
80
ps
ps
per/cycle
Rate of Change of Period
QA[1:0](6)
QB[2:0](6)
QA[1:0](7)
QB[2:0](7)
6. Specification holds for a clock switch between two input signals (CLK0, CLK1) no greater than 400 ps out of phase. Delta period change per
cycle is averaged over the clock switch excursion.
7. Specification holds for a clock switch between two input signals (CLK0, CLK1) at any phase difference (±180
). Delta period change per
cycle is averaged over the clock switch excursion.
20
10
200
100
50
25
400
200
ps
ps
ps
ps
DC
Output Duty Cycle
45
50
55
%
tJIT(CC)
Cycle-to-Cycle Jitter
RMS (1
)
47
ps
tLOCK
Maximum PLL Lock Time
10
ms
tr, tf
Output Rise/Fall Time
0.05
0.70
ns
20% to 80%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com