Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK4512DPP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK4512DPP
Description  Silicon N Channel MOS FET High Speed Power Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK4512DPP Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK4512DPP Datasheet HTML 1Page - Renesas Technology Corp RJK4512DPP Datasheet HTML 2Page - Renesas Technology Corp RJK4512DPP Datasheet HTML 3Page - Renesas Technology Corp RJK4512DPP Datasheet HTML 4Page - Renesas Technology Corp RJK4512DPP Datasheet HTML 5Page - Renesas Technology Corp RJK4512DPP Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
REJ03G1751-0100 Rev.1.00 Nov 12, 2008
Page 1 of 3
RJK4512DPP
Silicon N Channel MOS FET
High Speed Power Switching
REJ03G1751-0100
Rev.1.00
Nov 12, 2008
Features
• Low on-resistance
• Low leakage current
• High speed switching
Outline
RENESAS Package code: PRSS0003AB-A
(Package name: TO-220FN)
1
2
3
D
S
G
1. Gate
2. Drain
3. Source
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
450
V
Gate to source voltage
VGSS
±30
V
Drain current
ID
Note4
14
A
Drain peak current
ID (pulse)
Note1
42
A
Body-drain diode reverse drain current
IDR
14
A
Body-drain diode reverse drain peak current
IDR (pulse)
Note1
42
A
Avalanche current
IAP
Note3
3
A
Avalanche energy
EAR
Note3
0.5
mJ
Channel dissipation
Pch
Note2
30
W
Channel to case thermal impedance
θch-c
4.17
°C/W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tc = 25
°C
3. STch = 25
°C, Tch ≤ 150°C
4. Limited by maximum safe operation area



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com