Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS56 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # BAS56
Description  High-speed double diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS56 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button BAS56 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BAS56 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BAS56
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 29 June 2010
6 of 12
Nexperia
BAS56
High-speed double diode
8.
Test information
(1) Single diode loaded
(2) Double diode loaded
Fig 5.
Forward current as a function of ambient temperature; derating curves
mbg439
0
100
(1)
(2)
200
300
200
0
100
Tamb (°C)
IF
(mA)
(1) IR =40 mA
Fig 6.
Reverse recovery time test circuit and waveforms
Input signal: pulse duration tp = 300 ns; duty cycle δ = 0.01.
Fig 7.
Forward recovery voltage test circuit and waveforms
trr
(1)
+ IF
t
output signal
tr
tp
t
10 %
90 %
VR
input signal
V = VR + IF × RS
RS = 50 Ω
IF
D.U.T.
Ri = 50 Ω
SAMPLING
OSCILLOSCOPE
mga881
tr
t
tp
10 %
90 %
I
input signal
RS = 50 Ω
I
Ri = 50 Ω
OSCILLOSCOPE
1 k
Ω
450
Ω
D.U.T.
mga882
VFR
t
output signal
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com