Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT74 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAT74
Description  Schottky barrier double diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT74 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAT74 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
Planar Schottky barrier double diode with an integrated guard ring for stress protection.
Two electrically isolated Schottky barrier diodes, encapsulated in a small SOT143B
Surface-Mounted Device (SMD) plastic package.
1.2 Features and benefits
Low forward voltage
Guard-ring protected
Small SMD plastic package
1.3 Applications
Ultra high-speed switching
Voltage clamping
Protection circuits
Blocking diodes
1.4 Quick reference data
2.
Pinning information
BAT74
Schottky barrier double diode
Rev. 03 — 19 April 2010
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IF
forward current
-
-
200
mA
VR
reverse voltage
-
-
30
V
VF
forward voltage
IF = 100 mA
-
-
800
mV
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode (diode 1)
2
cathode (diode 2)
3
anode (diode 2)
4
anode (diode 1)
2
1
3
4
006aaa434
2
3
4
1


Similar Part No. - BAT74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT74 PHILIPS-BAT74 Datasheet
30Kb / 7P
Schottky barrier double diode
1996 Mar 19
logo
STMicroelectronics
BAT74 STMICROELECTRONICS-BAT74 Datasheet
54Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Guangdong Kexin Industr...
BAT74 KEXIN-BAT74 Datasheet
39Kb / 2P
Schottky Barrier Double Diode
logo
NXP Semiconductors
BAT74 PHILIPS-BAT74 Datasheet
119Kb / 10P
Schottky barrier double diode
Rev. 03-19 April 2010
BAT74.215 NXP-BAT74.215 Datasheet
107Kb / 11P
Schottky barrier double diode
Rev. 03-19 April 2010
More results

Similar Description - BAT74

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70-07S PHILIPS-BAS70-07S Datasheet
52Kb / 8P
Schottky barrier double diode
1998 Jul 10
BAT74S PHILIPS-BAT74S_03 Datasheet
57Kb / 8P
Schottky barrier double diode
2003 Apr 11
BAT74V PHILIPS-BAT74V Datasheet
51Kb / 8P
Schottky barrier double diode
2002 Sep 02
logo
Guangdong Kexin Industr...
BAT74 KEXIN-BAT74 Datasheet
39Kb / 2P
Schottky Barrier Double Diode
logo
NXP Semiconductors
BAT54CM NXP-BAT54CM Datasheet
195Kb / 7P
Schottky barrier double diode
2003 Nov 11
PMBD354 NXP-PMBD354 Datasheet
102Kb / 7P
Schottky barrier double diode
2003 Mar 25
BAT74235 PHILIPS-BAT74235 Datasheet
119Kb / 10P
Schottky barrier double diode
Rev. 03-19 April 2010
BAT74V PHILIPS-BAT74V_15 Datasheet
198Kb / 7P
Schottky barrier double diode
2002 Sep 02
PMBD354 PHILIPS-PMBD354_15 Datasheet
102Kb / 7P
Schottky barrier double diode
2003 Mar 25
logo
Nexperia B.V. All right...
BAT160C NEXPERIA-BAT160C Datasheet
196Kb / 8P
Schottky barrier double diode
22 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com