Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV23S Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAV23S
Description  General purpose double diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV23S Datasheet(HTML) 2 Page - NXP Semiconductors

  BAV23S Datasheet HTML 1Page - NXP Semiconductors BAV23S Datasheet HTML 2Page - NXP Semiconductors BAV23S Datasheet HTML 3Page - NXP Semiconductors BAV23S Datasheet HTML 4Page - NXP Semiconductors BAV23S Datasheet HTML 5Page - NXP Semiconductors BAV23S Datasheet HTML 6Page - NXP Semiconductors BAV23S Datasheet HTML 7Page - NXP Semiconductors BAV23S Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 05
2
Philips Semiconductors
Product specification
General purpose double diode
BAV23S
FEATURES
• Small plastic SMD package
• Switching speed: max. 50 ns
• General application
• Continuous reverse voltage:
max. 200 V
• Repetitive peak reverse voltage:
max. 250 V
• Repetitive peak forward current:
max. 625 mA.
APPLICATIONS
• General purpose where high
breakdown voltages are required.
DESCRIPTION
The BAV23S consists of two general
purpose diodes connected in series
fabricated in planar technology, and
encapsulated in the small SOT23
plastic SMD package.
PINNING
PIN
DESCRIPTION
1
anode
2
cathode
3
common connection
Fig.1 Simplified outline (SOT23) and symbol.
Marking code: L31.
handbook, halfpage
21
3
MAM232
1
2
3
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VRRM
repetitive peak reverse
voltage
−
250
V
VRRM
repetitive peak reverse
voltage
series connection
−
500
V
VR
continuous reverse voltage
−
200
V
VR
continuous reverse voltage
series connection
−
400
V
IF
continuous forward current
single diode loaded; note 1; see Fig.2
−
225
mA
double diode loaded; note 1; see Fig.2
−
125
mA
IFRM
repetitive peak forward current
−
625
mA
IFSM
non-repetitive peak forward
current
square wave; Tj =25 °C prior to surge;
see Fig.4
t=1
µs
−
9A
t = 100
µs
−
3A
t = 10 ms
−
1.7
A
Ptot
total power dissipation
Tamb =25 °C; note 1
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com