Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC05RC17GRS/D Datasheet(PDF) 41 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 37Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 38Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 39Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 40Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 41Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 42Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 43Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 44Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 128 page
background image
Interrupts
Reset Interrupt Sequence
MC68HC05RC17 — Rev. 2.0
General Release Specification
Interrupts
The M68HC05 CPU does not support interruptible instructions. The
maximum latency to the first instruction of the interrupt service routine
must include the longest instruction execution time plus stacking
overhead.
Latency = (Longest instruction execution time + 10) x tcyc seconds
An return from interrupt (RTI) instruction is used to signify when the
interrupt software service routine is completed. The RTI instruction
causes the register contents to be recovered from the stack and normal
processing to resume at the next instruction that was to be executed
when the interrupt took place. Figure 4-1 shows the sequence of events
that occurs during interrupt processing.
4.4 Reset Interrupt Sequence
The reset function is not in the strictest sense an interrupt; however, it is
acted upon in a similar manner as shown in Figure 4-1. A low-level input
on the RESET pin or an internally generated RST signal causes the
program to vector to its starting address, which is specified by the
contents of memory locations $3FFE and $3FFF. The I bit in the
condition code register is also set. The MCU is configured to a known
state during this type of reset.
4.5 Software Interrupt (SWI)
The SWI is an executable instruction and a nonmaskable interrupt since
it is executed regardless of the state of the I bit in the CCR. If the I bit is
zero (interrupts enabled), the SWI instruction executes after interrupts
that were pending before the SWI was fetched or before interrupts
generated after the SWI was fetched. The interrupt service routine
address is specified by the contents of memory locations $3FFC and
$3FFD.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com