Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJP4013ASP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJP4013ASP
Description  400V, 150A, IGBT for Strobe Flash
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP4013ASP Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJP4013ASP Datasheet HTML 1Page - Renesas Technology Corp RJP4013ASP Datasheet HTML 2Page - Renesas Technology Corp RJP4013ASP Datasheet HTML 3Page - Renesas Technology Corp RJP4013ASP Datasheet HTML 4Page - Renesas Technology Corp RJP4013ASP Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RJP4013ASP
Preliminary
R07DS1008EJ0200 Rev.2.00
Page 3 of 4
Mar 27, 2013
Application Example
CM
+
–
8
Xe Tube
Trigger Transformer
VCM
76
5
12
3
4
VCM
ICP
CM
VGE
350 V
150 A
400
µF
4 V
Maximum Operation
Conditions
IGBT driver
Precautions on Usage
1. IGBT has MOS structure and its gate is insulated by thin silicon oxide. So please handle carefully to protect the
device from electrostatic charge.
2. Gate drive voltage during on-period must be applied to satisfy the rating of maximum pulse collector current. And
turn-off dv/dt must become less than 400 V/
s.
3. The operation life should be endured until repeated discharge of 5,000 times under the charge current (IXe  150 A :
full luminescence condition) of main capacitor. Repetition period under full luminescence condition is over
3 seconds.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com