Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWA-2012 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FWA-2012
Description  Rackmount Platform for Network Application with Intel® Atom® C3000 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-2012 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FWA-2012 Datasheet HTML 1Page - Advantech Co., Ltd. FWA-2012 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Ordering Information
Part No.
CPU
DDR4 slot
PCIe slot
NMC slot USB 3.0
RJ45 Lan
Port
MGM Port
Console
Port
LCM
TPM
1.2
IPMI
PSU
FWA-2012-4CA1S
Intel® Atom
C3558
2
x
1 (PCIe x4) 2
4
2
1
x
x
x
150W AC PSU
FWA-2012-8CA1S
Intel® Atom
C3758
2
x
1 (PCIe x8) 2
4
2
1
x
x
x
150W AC PSU
FWA-2012-16A1S
Intel® Atom
C3958
2
x
1 (PCIe x8) 2
4
2
1
x
x
x
150W AC PSU
Optional Accessories
Part Number
Description
1702002600
Power cord 3P 180cm, USA
1702002605
Power cord 3P 180cm, Europe
1702031801
Power cord 3P 180cm, UK
1700000237
Power cord 3P 180cm, JP
1700009652
Power cord 3P 180cm, China
Packing List
Part Number
Description
1700020691-01
Console cable D-SUB9P(F)/RJ45 220 cm
Dimensions
Unit: mm
FWA-2012
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
1 x Advantech NMC
expansion slots
Power on Switch, PSU switch on/off
4 x GbE Ethernet ports with
2 pair advanced LAN bypass
LED indicator
1 x RJ45 console,
2 x USB 3.0 ports
2 x GbE Ethernet ports
via Intel I210
465.00
482.60
430.00
All product specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com