Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16VV Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAS16VV
Description  SURFACE MOUNT SWITCHING DIODE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16VV Datasheet(HTML) 2 Page - Diodes Incorporated

  BAS16VV Datasheet HTML 1Page - Diodes Incorporated BAS16VV Datasheet HTML 2Page - Diodes Incorporated BAS16VV Datasheet HTML 3Page - Diodes Incorporated BAS16VV Datasheet HTML 4Page - Diodes Incorporated BAS16VV Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAS16VV
Document number: DS35791 Rev. 4 - 2
2 of 5
www.diodes.com
February 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
BAS16VV
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
RMS Reverse Voltage
VR(RMS)
71
V
Forward Continuous Current (Note 5)
IFM
200
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
@ t = 1.0ms
@ t = 1.0s
IFSM
4.0
1.0
0.5
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
350
mW
Thermal Resistance Junction to Ambient Air (Note 5)
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
100
—
V
IR = 100µA
Forward Voltage
VF
—
0.715
V
IF = 1.0mA
—
0.855
IF = 10mA
—
1.0
IF = 50mA
—
1.25
IF = 150mA
Leakage Current (Note 6)
IR
—
0.5
µA
VR = 80V
—
50
µA
VR = 80V, TJ = +150°C
—
30
µA
VR = 25V, TJ = +150°C
—
30
nA
VR = 25V
Total Capacitance
CT
—
1.5
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
—
4.0
ns
IF = IR = 10mA
Irr = 0.1 x IR, RL = 100Ω
Notes:
5. Device mounted on FR-4 PCB, on minimum recommended, 2oz copper pad layout.
6. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com