Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9961 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 2 Page - STMicroelectronics

  L9961_V01 Datasheet HTML 1Page - STMicroelectronics L9961_V01 Datasheet HTML 2Page - STMicroelectronics L9961_V01 Datasheet HTML 3Page - STMicroelectronics L9961_V01 Datasheet HTML 4Page - STMicroelectronics L9961_V01 Datasheet HTML 5Page - STMicroelectronics L9961_V01 Datasheet HTML 6Page - STMicroelectronics L9961_V01 Datasheet HTML 7Page - STMicroelectronics L9961_V01 Datasheet HTML 8Page - STMicroelectronics L9961_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
Description
L9961 is part of a complete battery pack monitoring, balancing, and protecting
system for Li-Ion and Li-Polymer cells in 3, 4 or 5 series configurations. The L9961
uses a high precision ADC to provide cell voltage, stack voltage and temperature
conversion via external NTC. Voltage monitoring functions are cyclically performed
with a programmable loop time. Stack current is also monitored via a high accuracy
CSA, continuously running and performing also Coulomb counting. Cell balancing
is available and can be simultaneously activated on all cells. IC configuration and
information exchange for SOC/SOH estimation are performed via I2C peripheral. The
IC also integrates a dual pre-driver programmable in both HS/LS configurations for
driving pack relays. L9961 also implements battery pack fuse protection to prevent
fire and explosion hazards. A 3.3 V regulator with a high current capability is
available for supplying pack controller and other external circuitry in both standby and
normal operation modes. The IC protects the battery pack against over/under voltage
conditions and monitors for over/under temperature. It also features protection
against overcurrent (both directions) and short-circuit in discharge events. Safety-
relevant configurations can be stored in the internal NVM to avoid re-programming
the device at each wakeup.
L9961
DS14012 - Rev 3
page 2/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com