| Electronic Components Datasheet Search |
|
L9961 Datasheet(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9961 Datasheet(HTML) 30 Page - STMicroelectronics |
|
30 / 65 page ![]() Fault type Assertion condition IC reaction to assertion Release condition IC reaction to flag clear Maskable Overcurrent in discharge If the ISENSEP – ISENSEM voltage raises above VOVC_DCHG_TH, the OVC_DCHG fault is acknowledged. The OVC_DCHG flag is set If the ISENSEP – ISENSEM voltage falls below VOVC_TH, the OVC_DCHG flag can be cleared by MCU The Discharge FET is restored to the status defined by the DCHG_ON bit CSA_EN masks measurement execution. When disabled, the DOVC_CHG flag can always be cleared The discharge FET is turned OFF FAULTN line is released OVC_EN masks diagnostic execution. When disabled, the OVC_DCHG flag can always be cleared FAULTN line is asserted OVC_DCHG_PRDRV _MSK masks reaction on DCHG pin OVC_DCHG_FAULT N_MSK masks reaction on FAULTN pin Persistent discharge current If the DCHG FET is OFF (either commanded by user or forced by diagnostics) and the ISENSEP – ISENSEM voltage raises above VPERSIST_OVC_TH, for 4 consecutive samples, the PERSIST_OVC_DCH G fault is acknowledged. The PERSIST_OVC_DCH G flag is set If the ISENSEP – ISENSEM voltage falls below VPERSIST_OVC_TH for 4 consecutive samples, the PERSIST_OVC_DCH G flag can be cleared by MCU FUSE pre-driver is disabled CSA_EN masks measurement execution. When disabled, the PERSIST_OVC_DCH G flag can always be cleared FUSE pre-driver is enabled If DCHG FET is ON and OVC_EN is ENABLE, the PERSIST_OVC_DCH G counter is reset to 0 FAULTN line is released OVC_EN masks diagnostic execution. When disabled, the PERSIST_OVC_DCH G flag can always be cleared FAULTN line is asserted PERSIST_OVC_DCH G_FUSE_MSK masks reaction on FUSE pin PERSIST_OVC_DCH G_FAULTN_MSK masks reaction on FAULTN pin 3.5.3.1 Electrical parameters All parameters are tested and guaranteed in the following conditions, unless otherwise noted: VB according to the operating range of Table 2; TJ according to the operating range of Table 5. Table 21. Overcurrent electrical parameters Symbol Parameter Test conditions Min. Typ. Max. Unit VOVC_CHG_TH Programmable overcurrent in charge threshold (8 bit) VOVCCHGTH= −128VCUR_RES*CODE TestedbySCAN – VCUR_RES(2NBIT_CSA- 1 – 128) - 0 mV VOVC_DCHG_TH Programmable overcurrent in discharge threshold (8 bit) Tested by SCAN 0 - VCUR_RES(2NBIT_ CSA-1 – 128) mV L9961 Current conversion routine DS14012 - Rev 3 page 30/65 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |