Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAW156 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAW156
Description  Low-leakage double diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAW156 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAW156 Datasheet HTML 1Page - NXP Semiconductors BAW156 Datasheet HTML 2Page - NXP Semiconductors BAW156 Datasheet HTML 3Page - NXP Semiconductors BAW156 Datasheet HTML 4Page - NXP Semiconductors BAW156 Datasheet HTML 5Page - NXP Semiconductors BAW156 Datasheet HTML 6Page - NXP Semiconductors BAW156 Datasheet HTML 7Page - NXP Semiconductors BAW156 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 11
2
Philips Semiconductors
Product specification
Low-leakage double diode
BAW156
FEATURES
• Plastic SMD package
• Low leakage current: typ. 3 pA
• Switching time: typ. 0.8 µs
• Continuous reverse voltage:
max. 75 V
• Repetitive peak reverse voltage:
max. 85 V
• Repetitive peak forward current:
max. 500 mA.
APPLICATION
• Low-leakage current applications in
surface mounted circuits.
DESCRIPTION
Epitaxial, medium-speed switching,
double diode in a small SOT23 plastic
SMD package. The diodes are in
common anode configuration.
PINNING
PIN
DESCRIPTION
1
cathode
2
cathode
3
common anode
Fig.1 Simplified outline (SOT23) and symbol.
Marking code: JZp = made in Hong Kong; JZt = made in Malaysia.
handbook, 4 columns
21
3
MAM206
Top view
21
3
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VRRM
repetitive peak reverse voltage
−
85
V
VR
continuous reverse voltage
−
75
V
IF
continuous forward current
single diode loaded; note 1; see Fig.2
−
160
mA
double diode loaded; note 1; see Fig.2
−
140
mA
IFRM
repetitive peak forward current
−
500
mA
IFSM
non-repetitive peak forward
current
square wave; Tj =25 °C prior to surge;
see Fig.4
tp =1 µs
−
4A
tp =1ms
−
1A
tp =1s
−
0.5
A
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com