Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8342 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8342
Description  Active Receive Mixer LF to 500 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8342 Datasheet HTML 9Page - Analog Devices AD8342 Datasheet HTML 10Page - Analog Devices AD8342 Datasheet HTML 11Page - Analog Devices AD8342 Datasheet HTML 12Page - Analog Devices AD8342 Datasheet HTML 13Page - Analog Devices AD8342 Datasheet HTML 14Page - Analog Devices AD8342 Datasheet HTML 15Page - Analog Devices AD8342 Datasheet HTML 16Page - Analog Devices AD8342 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8342
Rev. 0 | Page 13 of 20
0
–90
50
LO FREQUENCY (MHz)
–10
–20
–30
–40
–50
–60
–70
–80
250
450
650
850
Figure 33. LO to RF Leakage vs. LO Frequency, LO Power = 0 dBm
0
–45
50
550
RF FREQUENCY (MHz)
–5
–10
–15
–20
–25
–30
–35
–40
100
150
200
250
300
350
400
450
500
IF = 10MHz
IF = 48MHz
Figure 34. RF to IF Feedthrough, RF Power =
−10 dBm
0
–45
50
850
LO FREQUENCY (MHz)
–5
–10
–15
–20
–25
–30
–35
–40
150
250
350
450
550
650
750
Figure 35. LO to IF Feedthrough vs. LO Frequency, LO Power = 0 dBm
120
0
TEMPERATURE (
°C)
–20
0
20
40
60
80
–40
100
80
60
40
20
Figure 36. Supply Current vs. Temperature
0
–18
60
860
LO FREQUENCY (MHz)
–2
–4
–6
–8
–10
–12
–14
–16
160
260
360
460
560
660
760
Figure 37. LO Return Loss vs. LO Frequency
8
7
6
13
15
16
COMM
IFOP
IFOM
5
COMM
14
2
1
3
4
COMM
RFCM
RFIN
VPMX
VPDC
PWDN
EXRB
COMM
11
12
10
9
VPLO
LOCM
LOIN
COMM
AD8342
RF IN
1nF
100pF
0.1
µF
100pF
0.1
µF
VPOS
1nF
1nF
LO IN
TC2-1T
IF OUT
(50
Ω)
100pF
0.1
µF
VPOS
1nF
100
Ω
1.82k
Ω
100pF
VPOS
100pF
0.1
µF
Figure 38. Characterization Circuit Used to Measure TPC Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com