Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE7901IALK Datasheet(PDF) 39 Page - Texas Instruments

Part # AFE7901IALK
Description  AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7901IALK Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE7901IALK Datasheet HTML 35Page - Texas Instruments AFE7901IALK Datasheet HTML 36Page - Texas Instruments AFE7901IALK Datasheet HTML 37Page - Texas Instruments AFE7901IALK Datasheet HTML 38Page - Texas Instruments AFE7901IALK Datasheet HTML 39Page - Texas Instruments AFE7901IALK Datasheet HTML 40Page - Texas Instruments AFE7901IALK Datasheet HTML 41Page - Texas Instruments AFE7901IALK Datasheet HTML 42Page - Texas Instruments AFE7901IALK Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 160 page
background image
7.12.1 RX Typical Characteristics 30 MHz and 400 MHz (continued)
Typical values at TA = +25°C. Default conditions at 30MHz: ADC Sampling Rate = 1500 MSPS, output sample rate = 62.5
MSPS (decimate by 24x), PLL clock mode with fREF = 500 MHz, AIN = –3 dBFS, DSA setting = 3 dB. Default conditions at
400 MHz: ADC Sampling Rate = 1500 MSPS, output sample rate = 125 MSPS (decimate by 12x), PLL clock mode with fREF
= 500 MHz, AIN = –3 dBFS, DSA setting = 3 dB.
AIN = -60 dBFS, fADC = 1500 MSPS, fNCO = 32.13 MHz,
Decimate by 24x
Figure 7-19. RX Output FFT at 30 MHz
Input Amplitude (dBFS)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-152
-151
-150
-149
-148
-147
-146
-145
-144
-143
-142
Temp = -40C, DSA = 0dB
Temp = -40C, DSA = 3dB
Temp = 25C, DSA = 0dB
Temp = 25C, DSA = 3dB
Temp = 110C, DSA = 0dB
Temp = 110C, DSA = 3dB
fADC = 1500 MSPS, fNCO = 32.13 MHz, Decimate by 24x
Figure 7-20. NSD vs Input Amplitude at 30 MHz with DSA = 0
and 3dB
Input Amplitude (dBFS)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-152.5
-152
-151.5
-151
-150.5
-150
-149.5
-149
-148.5
-148
-147.5
-147
Temp = -40C
Temp = 25C
Temp = 110C
fADC = 1500 MSPS, fNCO = 32.13 MHz, Decimate by 24x
Figure 7-21. NSD vs Input Amplitude at 30 MHz with DSA = 12
DSA Setting (dB)
0
5
10
15
20
25
-152
-150
-148
-146
-144
-142
AIN = -12dBFS, Temp = -40C
AIN = -12dBFS, Temp = 25C
AIN = -12dBFS, Temp = 110C
AIN = -3dBFS, Temp = -40C
AIN = -3dBFS, Temp = 25C
AIN = -3dBFS, Temp = 110C
fADC = 1500 MSPS, fNCO = 32.13 MHz, Decimate by 24x
Figure 7-22. NSD vs DSA Attenuation at 30 MHz
Input Amplitude (dBFS, per tone)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-135
-130
-125
-120
-115
-110
-105
-100
-95
-90
-85
DSA = 3dB, Temp = -40C
DSA = 3dB, Temp = 25C
DSA = 3dB, Temp = 110C
DSA = 12dB, Temp = -40C
DSA = 12dB, Temp = 25C
DSA = 12dB, Temp = 110C
fADC = 1500 MSPS, fNCO = 32.13 MHz, Decimate by 24x
Figure 7-23. IMD3 vs Input Amplitude at 30 MHz
DSA Setting (dB)
0
5
10
15
20
25
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
AIN = -13dBFS, Temp = -40C
AIN = -13dBFS, Temp = 25C
AIN = -13dBFS, Temp = 110C
AIN = -7dBFS, Temp = -40C
AIN = -7dBFS, Temp = 25C
AIN = -7dBFS, Temp = 110C
fADC = 1500 MSPS, fNCO = 32.13 MHz, Decimate by 24x
Figure 7-24. IMD3 vs DSA Setting at 30 MHz
www.ti.com
AFE7901
SBASAO5 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AFE7901



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com