Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND8020 Datasheet(PDF) 2 Page - Analog Devices

Part # AND8020
Description  Termination of ECL Logic Devices with EF (Emitter Follower) OUTPUT Structure
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AND8020 Datasheet(HTML) 2 Page - Analog Devices

  AND8020 Datasheet HTML 1Page - Analog Devices AND8020 Datasheet HTML 2Page - Analog Devices AND8020 Datasheet HTML 3Page - Analog Devices AND8020 Datasheet HTML 4Page - Analog Devices AND8020 Datasheet HTML 5Page - Analog Devices AND8020 Datasheet HTML 6Page - Analog Devices AND8020 Datasheet HTML 7Page - Analog Devices AND8020 Datasheet HTML 8Page - Analog Devices AND8020 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AND8020/D
http://onsemi.com
2
INTRODUCTION
Static DC Termination Analysis
A standard Emitter Coupled Logic (ECL) output driver
typically uses a current switching differential with an emitter
follower for level shifting the output and the internal CML
levels to familiar ECL levels. This output driver architecture
presents about 6−8
W internal impedance in both LOW and
HIGH states when properly current biased. This results in a
typical VPP signal of 800 mVPP (measured single−endedly on
each line) swinging around a DC voltage point of
VCC − 1.3 V when properly terminated and operating
correctly as shown in Figure 1.
Q
VEE
VCC
D
VCC
VEE
Driver
Receiver
8
W Internal Output
Impedance
VEE
Figure 1. Typical ECL Output with Emitter Follower Output Structure,
Typical Termination, and Typical ECL Input Interconnect
Q
D
RE
RE
For proper static and dynamic operation, the output
emitter follower transistor must remain in the active region
of operation which requires an external resistive path be
provided from the output pin to a voltage more negative than
worst case VOL, such as VEE. The resistor, RE, is considered
a current bias for the Emitter Follower output structure.
When properly terminated and current biased (loaded),
the outputs will generate both: (1) static state voltage levels
VOL (LOW) or VOH (HIGH) and (2) a dynamic transition
edge (tr or tf) between state levels.
Static State Voltage Levels
Figure 2 illustrates the typical relationship of static signal
levels and dynamic transition edges between an Output
Driver Signal and a Receiver Input Signal. Both outputs of
a differential driver should always be terminated and loaded
as identically as possible to preserve minimum skew and
jitter operation of the device.
VIH
VOH
VIL
VCC
VOL
VEE
Figure 2. State Levels VOH, VOL,
and Dynamic Transitions at Q or Q and D or D
VCC −1.3 V
tr
tf
VIH
VOH
VIL
VCC
VOL
VEE
VCC −1.3 V
tr
tf
Output
Driver
Signal
Input
Receiver
Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com