Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG51002 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # SLG51002
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51002 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button SLG51002 Datasheet HTML 19Page - Renesas Technology Corp SLG51002 Datasheet HTML 20Page - Renesas Technology Corp SLG51002 Datasheet HTML 21Page - Renesas Technology Corp SLG51002 Datasheet HTML 22Page - Renesas Technology Corp SLG51002 Datasheet HTML 23Page - Renesas Technology Corp SLG51002 Datasheet HTML 24Page - Renesas Technology Corp SLG51002 Datasheet HTML 25Page - Renesas Technology Corp SLG51002 Datasheet HTML 26Page - Renesas Technology Corp SLG51002 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
SLG51002
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switches
Datasheet
Revision 3.1
12-Sep-2022
CFR0011-120-00
23 of 35
© 2022 Renesas Electronics Corporation
Parameter
Description
Conditions
Min
Typ
Max
Unit
AC Parameters
PSRR1KHZ
Power supply rejection ratio
f = 1 kHz
VIN = VOUT + 300 mV
VOUT = VOUT (Typ)
IOUT = IOUT_MAX/2
COUT
= 4.7 μF
69
dB
PSRR100kHz
Power supply rejection ratio
f = 100 kHz
VIN = VOUT + 300 mV
VOUT = VOUT (Typ)
IOUT = IOUT_MAX/2
COUT
= 4.7 μF
50
dB
PSRR1MHz
Power supply rejection ratio
f = 1 MHz
VIN = VOUT + 300 mV
VOUT = VOUT (Typ)
IOUT = IOUT_MAX/2
COUT
= 4.7 μF
46
dB
VN
Output noise
f = 10 Hz to 100 kHz
IOUT = IOUT_MAX/2
152
μV
Current Limit Accuracy
IOV_SINK
Current sink at over-voltage
VOV = VOUT + 100 mV
Note 9
10
77
mA
Quiescent Current Specifications
IQ_ON_0mA
Quiescent current
IOUT = 0 mA,
VDD = VIN = 3.8 V
Note 10
19
25
μA
IQ_ON_1mA
Quiescent current
IOUT = 1 mA
VDD=VIN=3.8V
Note 10
73
95
μA
IQ_ON_IMAX
Quiescent current
IOUT = IOUT_MAX
Note 10
5
mA
Note 1
Guaranteed for VIN > 2.1 V, between 1.7 V and 2.1 V the IOUT_MAX guaranteed is 200 mA.
Note 2
Slew rate
≥ 25mV/us is guaranteed for Cout ≤ 4.7uF
Note 3
Accuracy ±30%, IOUT_LIM > 100 mA
Note 4
The overall accuracy can be calculated by summing VOUT_PP + VOUT_TEMP + VOUT_STATIC_LD +
VOUT_STATIC_LINE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com