| Electronic Components Datasheet Search |
|
ZAMC4100GA2V Datasheet(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZAMC4100GA2V Datasheet(HTML) 49 Page - Renesas Technology Corp |
|
49 / 156 page ![]() ZAMC4100 Datasheet © 2016 Integrated Device Technology, Inc. 49 January 26, 2016 3.6. SBC Interrupts Most of the interrupts are generated by the peripherals within SBC and MCU chips. The interrupt organization of the SBC chip is shown in Figure 3.8. The SBC interrupts are captured by the interrupt controller and after OR- reduction are propagated to the MCU via IRQN line. The IRQN line is active-low and appears as an external interrupt input to the MCU. As shown in Figure 3.8, the interrupt logic has two levels: global interrupts and peripheral interrupts. Each interrupt source has an individual interrupt enable (IE) and interrupt flag (IF) bit. Some of the IF bits are mapped to the slave status byte and are shifted out to the MCU whenever a SPI command byte is shifted in to the SBC (Figure 3.10-D). The global interrupts are controlled via the IRQCTRL register and read via IRQSTAT (see section 3.6.2). The peripheral interrupts are grouped by source and functionality and are combined using an OR-function to be a single global interrupt bit. This allows the MCU to first determine which peripheral is causing an interrupt and then to check the particular event. For example if the ADCIF interrupt flag bit is set, the reason might be that the ADC conversion is finished (ADCRDYIF=1) or it might come from the ADC result comparator (ADCCMPIF=1) (see section 3.7.5). Figure 3.8 SBC Interrupt Logic Organization IRQN IRQSTAT & WDTIF WDTIE & OVTIF OVTIE & SEIF SEIE & ADCIF ADCIE & HBOCIF HBOCIE & HSOCIF HSOCIE & ECMOCIF ECMOCIE & LINIF LINIE SBC MCU ZAMC4100 MCU Interrupt Controller IRQCTRL ADCRDYIF ADCCMPIF HB1OCIF HB2OCIF HB3OCIF HB4OCIF HS1OCIF HS2OCIF HS3OCIF HS4OCIF LINWUIF LINDTOIF LINSHIF ADCSTAT HBDSTAT HSDSTAT LINSTAT SBC Global Interrupts SBC Peripheral Interrupts OVIF UVIF RSTSTAT CPVEIF OSCLEIF & CMPEN |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |