Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS299-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAS299-7
Description  HIGH SPEED HIGH CURRENT QUAD SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS299-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  BAS299-7 Datasheet HTML 1Page - Diodes Incorporated BAS299-7 Datasheet HTML 2Page - Diodes Incorporated BAS299-7 Datasheet HTML 3Page - Diodes Incorporated BAS299-7 Datasheet HTML 4Page - Diodes Incorporated BAS299-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAS299
0
50
100
150
200
250
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
A
°
Figure 1 Power Derating Curve, Total Package
300
400
Note 5
0.01
0.1
1
10
100
1000
0
200
400
600
800
1000
1200
T = -55°C
A
T = -40°C
A
T = 0°C
A
T = 25°C
A
T = 75°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Figure 2 Typical Forward Characteristics, Per Element
0.01
0.1
1
10
100
1000
10000
100000
0
10
20
30
40
50
60
70
80
90 100
T = 25°C
A
T = 75°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Figure 3 Typical Reverse Characteristics, Per Element
T = 0°C
A
T = -40°C
A
T = -55°C
A
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
0
5
10
15
20
25
30
35
40
V , DC REVERSE VOLTAGE (V)
R
Figure 4 Total Capacitance vs Reverse Voltage, Per Element
f = 1.0 MHz
BAS299
Document number: DS41578 Rev.1 - 2
3 of 5
www.diodes.com
March 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com