Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54LPQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAT54LPQ
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54LPQ Datasheet(HTML) 3 Page - Diodes Incorporated

  BAT54LPQ Datasheet HTML 1Page - Diodes Incorporated BAT54LPQ Datasheet HTML 2Page - Diodes Incorporated BAT54LPQ Datasheet HTML 3Page - Diodes Incorporated BAT54LPQ Datasheet HTML 4Page - Diodes Incorporated BAT54LPQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAT54LPQ
Document number: DS42046 Rev. 2 - 2
3 of 5
www.diodes.com
October 2019
© Diodes Incorporated
BAT54LPQ
0.1
1
10
100
1,000
0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
R
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.00001
0.0001
0.001
0.01
0.1
1
10
100
0
3
6
9
12
15
18
21
24
27
30
Figure 2 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T =125°C
A
T =75°C
A
T =25°C
A
T =0°C
A
T = -40°C
A
0
50
100
0
25
50
75
100
125
T , AMBIENT TEMPERATURE (癈 )
Fig. 3 Power Derating Curve
A
150
200
250
300
(°C)
Fig. 2 Typical Reverse Characteristics
VF,



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com