Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASCX01DN Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # ASCX01DN
Description  Microstructure Pressure Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ASCX01DN Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  ASCX01DN Datasheet HTML 1Page - Honeywell Solid State Electronics Center ASCX01DN Datasheet HTML 2Page - Honeywell Solid State Electronics Center ASCX01DN Datasheet HTML 3Page - Honeywell Solid State Electronics Center ASCX01DN Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Microstructure Pressure Sensors
Signal Conditioned
0 psi to 1 psi up to 0 psi to 150 psi
ASCX Series
PHYSICAL DIMENSIONS for Reference Only (mm/in)
WARRANTY/REMEDY
Honeywell warrants goods of its manufacture as being
free of defective materials and faulty workmanship.
Contact your local sales office for warranty information. If
warranted goods are returned to Honeywell during the
period of coverage, Honeywell will repair or replace
without charge those items it finds defective.
The
foregoing is Buyer’s sole remedy and is in lieu of all
other warranties, expressed or implied, including
those of merchantability and fitness for a particular
purpose.
Specifications may change without notice. The
information we supply is believed to be accurate and
reliable as of this printing. However, we assume no
responsibility for its use.
While we provide application assistance personally,
through our literature and the Honeywell web site, it is up
to the customer to determine the suitability of the product
in the application.
For application assistance, current specifications, or
name of the nearest Authorized Distributor, contact a
nearby sales office. Or call:
1-800-537-6945 USA/Canada
1-815-235-6847 International
FAX
1-815-235-6545 USA
INTERNET
www.honeywell.com/sensing
info.sc@honeywell.com
Sensing and Control
www.honeywell.com/sensing
Honeywell
11 West Spring Street
Freeport, Illinois 61032
008104-1-EN IL50 GLO 1203 Printed in USA
Copyright 2003 Honeywell International Inc. All Rights Reserved



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com