Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAR5000ACBZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADAR5000ACBZ
Description  17 GHz to 32 GHz, 4-Way RF Splitter Combiner
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR5000ACBZ Datasheet(HTML) 6 Page - Analog Devices

  ADAR5000ACBZ Datasheet HTML 1Page - Analog Devices ADAR5000ACBZ Datasheet HTML 2Page - Analog Devices ADAR5000ACBZ Datasheet HTML 3Page - Analog Devices ADAR5000ACBZ Datasheet HTML 4Page - Analog Devices ADAR5000ACBZ Datasheet HTML 5Page - Analog Devices ADAR5000ACBZ Datasheet HTML 6Page - Analog Devices ADAR5000ACBZ Datasheet HTML 7Page - Analog Devices ADAR5000ACBZ Datasheet HTML 8Page - Analog Devices ADAR5000ACBZ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet
ADAR5000
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 6 of 9
Figure 5. Insertion Loss vs. Frequency
Figure 6. Insertion Loss Mismatch vs. Frequency, All Paths Normalized to P1
Figure 7. Insertion Phase Mismatch vs. Frequency, All Paths Normalized to
P1
Figure 8. Insertion Loss P1 vs. Frequency over Temperature
Figure 9. S1 Input Return Loss vs. Frequency over Temperature
Figure 10. Output Return Loss vs. Frequency (P1, P2, P3, and P4)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com