Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7380 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7380
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7380 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7380 Datasheet HTML 13Page - Analog Devices AD7380 Datasheet HTML 14Page - Analog Devices AD7380 Datasheet HTML 15Page - Analog Devices AD7380 Datasheet HTML 16Page - Analog Devices AD7380 Datasheet HTML 17Page - Analog Devices AD7380 Datasheet HTML 18Page - Analog Devices AD7380 Datasheet HTML 19Page - Analog Devices AD7380 Datasheet HTML 20Page - Analog Devices AD7380 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 17 of 33
Figure 28 shows an example of a typical application circuit for
the AD7383-4/AD7384-4. Decouple the VCC, VLOGIC, REGCAP, and
REFIO pins with suitable decoupling capacitors as shown in Figure
28. The exposed pad is a ground reference point for circuitry on the
devices and must be connected to the board ground.
For optimal performance, a differential RC filter must be placed on
the analog inputs. In a typical application, R = 33 Ω, C1 = 68 pF,
and C2 = 68 pF are recommended. These RC combinations must
be the same for all channels of the AD7383-4/AD7384-4.
The four pseudo differential channels of the AD7383-4/AD7384-4
accept an input voltage range from 0 V to VREF on AINA+ , AINB+,
AINC+, and AIND+ and accept VREF/2 voltage on AINA−, AINB−,
AINC− and AIND−. See Table 11 for the recommended driver amplifi-
ers that can best fit and add value to the application.
The performance of the AD7383-4/AD7384-4 is impacted by noise
on the digital interface. This impact is dependent on board layout
and design. Keep a minimal distance of the digital line to the digital
interface, or place a 100 Ω resistor in series and close to the
SDOA, SDOB, SDOC, and SDOD/ALERT pins to reduce noise from
the digital interface coupling of the AD7383-4/AD7384-4.
The AD7383-4/AD7384-4 have a buffered internal 2.5 V reference
that is accessed via the REFIO pin. The buffered internal 2.5 V
reference must use an external buffer, like the ADA4807-2, before
connecting the reference to the external circuitry. The AD7383-4/
AD7384-4 have an option to use an ultralow noise, high accuracy
voltage reference like the ADR4533 or the ADR4525 as a 3.3 V
and 2.5 V external voltage reference source to drive the AD7383-4/
AD7384-4 REFIO pin. A 1 µF reservoir capacitor is recommended
to be connected as close as possible between the REFIO pin
and the ground in a short and wide trace. When using this exter-
nal reference voltage in another circuit within the application, for
example, as a common-mode voltage for the driver amplifier, it is
recommended to use a buffer amplifier like the ADA4807-2 for a
stable reference.
POWER SUPPLY
For a typical application, the AD7383-4/AD7384-4 circuitry, shown
in Figure 28, is driven from a 5 V (V+) supply to power the system.
The 5 V (V+) is supplied from the ADP7104. The ADC driver is
supplied by a +5 V (V+) and a −2.5 V (V−) that is derived from the
inverting charge pump, the ADP5600, which converts +5 V to −5
V, and then to the ADP7182 for the low noise voltage regulator to
output −2.5 V. Two independent power supply sources are derived
from a low dropout (LDO) regulator to power the VCC supply for
the analog circuitry and the VLOGIC supply for the digital interface
of the AD7383-4/AD7384-4. A very low quiescent current LDO
regulator like the ADP166 is a suitable supply with a fixed output
voltage range from 1.2 V to 3.3 V for typical VCC and VLOGIC
levels. The VCC supply and the VLOGIC supply must be decoupled
separately with a 1 µF capacitor, placed close to the device pin
using short and wide traces to provide a low impedance path that
reduces glitches in the power supply lines. Additionally, there is an
internal LDO regulator that supplies the AD7383-4/AD7384-4. The
on-chip regulator provides a 1.9 V supply only for internal use on
the device. Decouple the AD7383-4/AD7384-4 REGCAP pin with
a 1 µF capacitor to the GND pin with short and wide traces, and
place the capacitor as close as possible to the RECGAP pin of the
device.
Power-Up
The AD7383-4/AD7384-4 are not easily damaged by power supply
sequencing. VCC and VLOGIC can be applied in any sequence.
The external reference must be applied after VCC and VLOGIC
are applied. Analog and digital signals must be applied after the
external reference is applied.
The AD7383-4/AD7384-4 require tPOWERUP from applying VCC and
VLOGIC until the ADC conversion results are stable. Figure 4 shows
the recommended signal condition during power-up with the CS pin
held high. Issue a software reset after power-up (see the Software
Reset section for details).
Table 11. Signal Chain Components
Companion Devices
Model
Description
Typical Application
ADC Driver
ADA4896-2
1 nV/√Hz, rail-to-rail output amplifier
Precision, low noise, high frequency
ADA4940-2
Ultra low power, full differential, low distortion amplifier
Precision, low density, low power
ADA4807-2
1 mA, rail-to-rail output amplifier
Precision, low power, high frequency
External Reference
ADR4525
Ultralow noise, high accuracy voltage reference
2.5 V reference voltage
ADR4533
Ultralow noise, high accuracy voltage reference
3.3 V reference voltage
Reference Buffer
ADA4807-2
1 mA, rail-to-rail output amplifier
Precision, low power, high frequency
LDO Regulator
ADP166
Very low quiescent, 150 mA LDO regulator
3.0 V to 3.6 V supply for VCC and VLOGIC
ADP7104
500 mA low noise, CMOS LDO regulator
5 V supply
ADP7182
Low noise line regulator
−2.5 V supply for ADC driver amplifier
ADP5600
Interleaved inverting charge pump with negative LDO
Voltage inverter for negative supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com