Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4680 Datasheet(PDF) 16 Page - Analog Devices

Part # AD4680
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4680 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD4680 Datasheet HTML 12Page - Analog Devices AD4680 Datasheet HTML 13Page - Analog Devices AD4680 Datasheet HTML 14Page - Analog Devices AD4680 Datasheet HTML 15Page - Analog Devices AD4680 Datasheet HTML 16Page - Analog Devices AD4680 Datasheet HTML 17Page - Analog Devices AD4680 Datasheet HTML 18Page - Analog Devices AD4680 Datasheet HTML 19Page - Analog Devices AD4680 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
THEORY OF OPERATION
analog.com
Rev. 0 | 16 of 33
ADC TRANSFER FUNCTION
The AD7383-4/AD7384-4 use a 2.5 V to 3.3 V reference voltage.
The AD7383-4/AD7384-4 convert the differential voltage of the
analog inputs (AINA+ and AINA−, AINB+ and AINB−, AINC+ and
AINC−, and AIND+ and AIND−) into a digital output.
The conversion result is MSB first, twos complement. The LSB size
is VREF/2N, where N is the ADC resolution. The ADC resolution is
determined by the resolution of the device chosen and if resolution
boost mode is enabled. Table 10 outlines the LSB size expressed in
microvolts for different resolutions and reference voltage options.
The ideal transfer characteristic of the AD7383-4/AD7384-4 is
shown in Figure 27.
Figure 27. ADC Ideal Transfer Function (FSR = Full-Scale Range)
Table 10. LSB Size
Resolution (Bits)
2.5 V Reference (µV)
3.3 V Reference (µV)
14
152.6
201.4
16
38.1
50.3
18
9.53
12.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com