Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6656 Datasheet(PDF) 21 Page - Analog Devices

Part # LT6656
Description  Precision, Micropower, High Current Output Voltage References
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6656 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT6656 Datasheet HTML 17Page - Analog Devices LT6656 Datasheet HTML 18Page - Analog Devices LT6656 Datasheet HTML 19Page - Analog Devices LT6656 Datasheet HTML 20Page - Analog Devices LT6656 Datasheet HTML 21Page - Analog Devices LT6656 Datasheet HTML 22Page - Analog Devices LT6656 Datasheet HTML 23Page - Analog Devices LT6656 Datasheet HTML 24Page - Analog Devices LT6656 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Data Sheet
ADR3625/ADR3630/ADR3650
THEORY OF OPERATION
analog.com
Rev. A | 21 of 26
Figure 66. Power Cycle Hysteresis
HUMIDITY SENSITIVITY
The ADR3625\ADR3630\ADR3650 are packaged in an MSOP.
However, moisture absorption from the air into the package
changes the internal mechanical stresses on the die, causing shifts
in the output voltage. Figure 67 shows the effects of a step change
in relative humidity on the output voltage over time. The humidity
chamber is maintained at an ambient temperature of 25°C, while
the relative humidity undergoes a step change from 30% to 70%.
The relative humidity is maintained at 70% for the duration of the
testing. Note that the output voltage shifts quickly compared to the
overall settling time, following the step change in relative humidity.
Figure 67. Change in Output Voltage vs. Time After Humidity Step (30% to
70% Relative Humidity (RH))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com