Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7381 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7381
Description  Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7381 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7381 Datasheet HTML 17Page - Analog Devices AD7381 Datasheet HTML 18Page - Analog Devices AD7381 Datasheet HTML 19Page - Analog Devices AD7381 Datasheet HTML 20Page - Analog Devices AD7381 Datasheet HTML 21Page - Analog Devices AD7381 Datasheet HTML 22Page - Analog Devices AD7381 Datasheet HTML 23Page - Analog Devices AD7381 Datasheet HTML 24Page - Analog Devices AD7381 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Data Sheet
AD7383-4/AD7384-4
MODES OF OPERATION
analog.com
Rev. 0 | 21 of 33
RESOLUTION BOOST
The default resolution and output data size are 16 bits for the
AD7383-4 and 14 bits for the AD7384-4. When the on-chip over-
sampling function is enabled, the performance of the ADC can
exceed the default resolution. To accommodate the performance
boost achievable, it is possible to enable an additional two bits of
resolution. If the RES bit in the CONFIGURATION1 register is set
to Logic 1 and the AD7383-4/AD7384-4 are in a valid oversampling
mode, the conversion result size for the AD7383-4 is 18 bits and
the AD7384-4 is 16 bits. In this mode, 18 SCLK cycles are required
to propagate the data for the AD7383-4 and 16 SCLK cycles are
required for the AD7384-4.
ALERT
The alert functionality is an out of range indicator and can
be used as an early indicator of an out of bounds con-
version result. An alert event triggers when the value in
the conversion result register exceeds the alert high limit
value in the ALERT_HIGH_THRESHOLD register or falls be-
low the alert low limit value in the ALERT_LOW_THRESH-
OLD register. The ALERT_HIGH_THRESHOLD register and the
ALERT_LOW_THRESHOLD register are common to all ADCs.
When setting the threshold limits, the alert high threshold must
always be greater than the alert low threshold. Detailed alert infor-
mation is accessible in the ALERT indication register.
The register contains two status bits per ADC, one corresponding
to the high limit, and the other to the low limit. A logical OR of alert
signals for all ADCs create a common alert value. This value can be
configured to drive out on the ALERT function of the SDOD/ALERT
pin. The SDOD/ALERT pin is configured as ALERT by configuring
the bits in CONFIGURATION1 and CONFIGURATION2 as follows:
1. Set the SDO bit to any value other than 0b10.
2. Set the ALERT_EN bit to 1.
3. Set a valid value in the ALERT_HIGH_THRESHOLD register
and the ALERT_LOW_THRESHOLD register.
The alert indication function is available in oversampling (rolling
average, normal averaging, and in non-oversampling modes).
The alert function of the SDOD/ALERT pin updates at the end of
conversion. The alert indication status bits in the ALERT register
are updated as well and must be read before the end of the next
conversion.
Bits[7:0] in the alert indication register are cleared by reading the
alert indication register contents. The alert function of the SDOD/
ALERT pin is cleared with a falling edge of CS. Issuing a software
reset also clears the alert status in the alert indication register.
See Figure 8 for the ALERT timing diagram.
Figure 31. Resolution Boost
POWER MODES
The AD7383-4/AD7384-4 have two power modes that can be set in
the CONFIGURATION1 register, normal mode and shutdown mode.
These modes of operation provide flexible power management op-
tions, allowing optimization of the power dissipation and throughput
rate ratio for different application requirements.
Program the PMODE bit in the CONFIGURATION1 register to con-
figure the power modes in the AD7383-4/AD7384-4. Set PMODE to
Logic 0 for normal mode and Logic 1 for shutdown mode.
Normal Mode
Keep the AD7383-4/AD7384-4 in normal mode to achieve the
fastest throughput rate. All blocks within the AD7383-4/AD7384-4
remain fully powered, and an ADC conversion can be initiated by
a falling edge of CS when required. When the AD7383-4/AD7384-4
are not converting, the devices are in static mode and power
consumption is automatically reduced. Additional current is required
to perform a conversion. Therefore, power consumption of the
AD7383-4/AD7384-4 scales with throughput.
Shutdown Mode
When slower throughput rates and lower power consumption are
required, use shutdown mode by either powering down the ADC
between each conversion or by performing a series of conversions
at a high throughput rate and then powering down the ADC for
a relatively long duration between these burst conversions. When
the AD7383-4/AD7384-4 are in shutdown mode, all analog circuitry
powers down. The SPI remains active during shutdown mode to
allow the AD7383-4/AD7384-4 to exit shutdown mode.
To enter shutdown mode, write to the PMODE bit in the CON-
FIGURATION1 register. The AD7383-4/AD7384-4 shuts down and
current consumption reduces.
To exit shutdown mode and return to normal mode, set the PMODE
bit in the CONFIGURATION1 register to Logic 0. All register config-
uration settings remain unchanged entering or leaving shutdown
mode. After exiting shutdown mode, allow sufficient time for the
circuitry to turn on before starting a conversion.
INTERNAL AND EXTERNAL REFERENCE
The AD7383-4/AD7384-4 have a buffered 2.5 V internal reference
primarily used for internal device operation and access via the
REFIO pin. When using the buffered internal 2.5 V reference exter-
nally, the reference must use an external buffer before connecting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com