Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDA124EU Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDA124EU
Description  PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDA124EU Datasheet(HTML) 2 Page - Diodes Incorporated

  DDA124EU Datasheet HTML 1Page - Diodes Incorporated DDA124EU Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS30346 Rev. 1 - 1
2 of 2
DDA (xxxx) U
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DDA124EU
DDA144EU
DDA114YU
DDA123JU
DDA114EU
Vl(off)
-0.5
-0.5
-0.3
-0.5
-0.5
-1.1
-1.1
--
--
-1.1
¾
V
VCC = -5V, IO = -100
mA
DDA124EU
DDA144EU
DDA114YU
DDA123JU
DDA114EU
Vl(on)
¾
-1.9
-1.9
--
--
-1.9
-3.0
-3.0
-1.4
-1.1
-3.0
VO = -0.3, IO = -5mA
VO = -0.3, IO = -2mA
VO = -0.3, IO = -1mA
VO = -0.3, IO = -5mA
VO = -0.3, IO = -10mA
Output Voltage
DDA124EU
DDA144EU
DDA114YU
DDA123JU
DDA114EU
VO(on)
¾
-0.1
-0.3
V
IO/Il = -10mA / -0.5mA
IO/Il = -10mA / -0.5mA
IO/Il = -5mA / -0.25mA
IO/Il = -5mA / -0.25mA
IO/Il = -10mA / -0.5mA
Input Current
DDA124EU
DDA144EU
DDA114YU
DDA123JU
DDA114EU
Il
¾¾
-0.36
-0.18
-0.88
-3.6
-0.88
mA
VI = -5V
Output Current
IO(off)
¾¾
-0.5
mA
VCC = -50V, VI = -0V
DC Current Gain
DDA124EU
DDA144EU
DDA114YU
DDA123JU
DDA114EU
Gl
56
68
68
80
30
¾¾
¾
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
VO = -5V, IO = -10mA
VO = -5V, IO = -10mA
VO = -5V, IO = -5mA
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = -10V, IE = -5mA,
f = 100MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
* Transistor - For Reference Only
Characteristic (DDA143TU & DDA114TU only)
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-50
¾¾
V
IC = -50
mA
Collector-Emitter Breakdown Voltage
BVCEO
-50
¾¾
V
IC = -1mA
Emitter-Base Breakdown Voltage
BVEBO
-5
¾¾
V
IE = -50
mA
Collector Cutoff Current
ICBO
¾¾
-0.5
mA
VCB = -50V
Emitter Cutoff Current
IEBO
¾¾
-0.5
mA
VEB = -4V
Collector-Emitter Saturation Voltage
VCE(sat)
¾¾
-0.3
V
IC/IB = -2.5mA / -0.25mA
DDA143TU
IC/IB = -1mA / -0.1mA
DDA114TU
DC Current Transfer Ratio
hFE
100
250
600
¾
IC = -1mA, VCE = -5V
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = -10V, IE = 5mA, f = 100MHz
UNDER DEVELOPMENT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com