Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2D Datasheet(PDF) 1 Page - AIMTEC

Part # AM2D
Description  2 watt dc-dc converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2D Datasheet(HTML) 1 Page - AIMTEC

  AM2D Datasheet HTML 1Page - AIMTEC AM2D Datasheet HTML 2Page - AIMTEC AM2D Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
33
VISIT US AT WWW.AIMTEC.CA
AM2D Series
7 PIN SIP PACKAGE
LOW RIPPLE & NOISE
HIGH EFFICIENCY UP TO 85%
INPUT/OUTPUT ISOLATION : 1000, 3000, 4000 & 5200VDC
OPERATING TEMPERATURE: -40°C ... +85°C
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
GENERAL DESCRIPTION
Our AM2D series is a family of cost effective 2W single,
dual, dual separate output isolated DC-DC converters.
These converters achieve low cost and ultra-miniature
SIP7 pin size without compromising performance and
reliability.
Two hundred sixteen models operate from input voltages of
5, 12 & 24VDC; producing output voltage levels of 3.3, 5,
7.2, 9, 12, 15, 18, 24, ±3.3, ±5, ±7.2, ±9, ±12, ±15, ±18 or
±24 VDC. Full SMD-design and a 100% production test of
parameters ensures a high reliability in this product.
ELECTRICAL SPECIFICATIONS
Specifications typical at +25°C, nominal input voltage, rated output current unless otherwise specified
Output Specifications:
Voltage accuracy
±5%, max.
Voltage balance (Dual Output) ±1%
Ripple & noise (at 20MHz BW)
75mVp-p, max.
Short circuit protection
Momentary
Line voltage regulation
±1.2% / 1.0% of Vin
Load voltage regulation
±8%, load=20~100%
Temperature coefficient
±0.02%/°C, typ.
Physical Specifications:
Dimensions
19.50x6.00x10.00mm
0.76x0.24x0.39inches
Weight
2 .5g
Case material
Non-conductive black
plastic
General Specifications:
Efficiency
72% to 85%
Switching frequency
85KHz, typ. 100% load
MTBF: > 688,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage (60 sec)
1000VDC (all models)
3000, 4000 & 5200VDC
(single/dual output)
Resistance
> 1000MOhm
Capacitance
60pF, typ.
Environmental Specifications:
Operating temperature (ambient) -40°C ... +85°C
Storage temperature
-55°C ... +125°C
Case temperature
+95°C, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air Convection
2 watt dc-dc converters
Input Specifications:
Voltage range
±10%
Filter
Capacitor
OUTLINE DIMENSIONS & PIN CONNECTIONS
Pin
1000VDC
Single
Dual
Dual Separate
Single
Dual
+V Input
-V Input
-V Output
Omitted
+V Output
Omitted
+V Input
-V Input
-V Output
Common
+V Output
Omitted
+V Input
-V Input
+V1 Output
-V1 Output
+V2 Output
-V2 Output
+V Input
-V Input
Omitted
-V Output
Omitted
+V Output
+V Input
-V Input
Omitted
-V Output
Common
+V Output
1
2
4
5
6
7
3000, 4000 & 5200VDC
Continued on next page


Similar Part No. - AM2D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-050303DZ AIMTEC-AM2D-050303DZ Datasheet
292Kb / 7P
2 Watt | DC-DC Converter
AM2D-050303DZ AIMTEC-AM2D-050303DZ Datasheet
279Kb / 11P
2 Watt | DC-DC Converter
AM2D-0503DH30Z AIMTEC-AM2D-0503DH30Z Datasheet
292Kb / 7P
2 Watt | DC-DC Converter
AM2D-0503DH40Z AIMTEC-AM2D-0503DH40Z Datasheet
292Kb / 7P
2 Watt | DC-DC Converter
AM2D-0503DH40Z AIMTEC-AM2D-0503DH40Z Datasheet
279Kb / 11P
2 Watt | DC-DC Converter
More results

Similar Description - AM2D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
2 watt dc-dc converters
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
2 watt dc-dc converters
logo
RSG Electronic Componen...
EC2SA-05S33 RSG-EC2SA-05S33 Datasheet
201Kb / 1P
2 WATT REGULATED DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCSD02 WALL-DCSD02 Datasheet
536Kb / 5P
2 Watt DC/DC Power Converters
MSLU02 WALL-MSLU02 Datasheet
769Kb / 5P
2 Watt DC/DC Power Converters
DCMCU2 WALL-DCMCU2 Datasheet
596Kb / 5P
2 Watt DC/DC Power Converters
DCMSAU2 WALL-DCMSAU2 Datasheet
747Kb / 5P
2 Watt DC/DC Power Converters
logo
TRACO Electronic AG
TEM2 TRACOPOWER-TEM2 Datasheet
264Kb / 3P
DC/DC Converters TEM 2 Series, 2 Watt
Rev. October 14, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com