Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3F Datasheet(PDF) 1 Page - AIMTEC

Part # AM3F
Description  3 watt dc-dc converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3F Datasheet(HTML) 1 Page - AIMTEC

  AM3F Datasheet HTML 1Page - AIMTEC AM3F Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
44
TO ORDER CALL 1-888-9-AIMTEC
AM3F Series
3 watt dc-dc converters
• REGULATED SINGLE OUTPUT
• 12 PIN SIP PACKAGE
• LOW RIPPLE & NOISE
• HIGH EFFICIENCY UP TO 70%
• INPUT/OUTPUT ISOLATION: 1000, 3000 & 5200VDC
• OPERATING TEMPERATURE: -25°C ... +71°C
• PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
GENERAL DESCRIPTION
Our AM3F series is a family of cost effective 3W single
output DC-DC converters. These converters combine
miniature package in a 12-pin SIP compatible case with
high performance features such as 1000, 3000 &
5200VDC input/output isolation voltage, continuous short
circuit protection with automatic restart and tight line /
load regulation. Seventy two models operate from input
voltages of 5, 12 & 24VDC with producing output
voltage levels of 3.3, 5, 7.2, 9, 12, 15, 18, 24VDC.
High performance features include high efficiency opera-
tion up to 70% and output voltage accuracy of ±2%
maximum. Standard features include an input range of
±10% tolerance and low output noise and ripple. All mod-
els are package in a low profile 31.80x8.60x13.47mm 12
pin SIP non-conductive black plastic case. Operation is
specified over the full operating temperature range
of -25ºC to +71ºC with no derating required. Cooling is by
free-air convection.
ELECTRICAL SPECIFICATIONS
Specifications typical at +25°C, nominal input voltage, rated output current unless otherwise specified
MTBF: > 954,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage (60 sec)
1000, 3000, 5200VDC
Resistance
> 1000MOhm
Capacitance
60pF, typ.
Output Specifications:
Voltage accuracy
±2%, max.
Ripple & noise (at 20MHz BW)
75mVp-p, max.
Short circuit protection
Continuous
Short circuit restart
Automatic
Line voltage regulation
±0.5%, max.
Load voltage regulation
±0.5%, max.
Temperature coefficient
±0.02%/ºC, typ.
Environmental Specifications:
Operating temperature (ambient) -25°C ... +71°C
Storage temperature
-40°C ... +125°C
Case temperature
+90°C, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air Convection
Input Specifications:
Voltage range
±10%
Filter
p
(Pi) Network
General Specifications:
Efficiency
64% to 70%
Switching frequency
125KHz, typ. 100% load
Physical Specifications:
Dimensions
31.80x8.60x13.47mm
1.25x0.34x0.53inches
Weight
10.7g
Case material
Non-conductive black
plastic
OUTLINE
DIMENSIONS &
PIN CONNECTIONS
+V Input
N.C.
N.C.
N.C.
-V output
+V output
-V input
1
2
3
9
10
11
12
1000, 3000 & 5200VDC
Single
Pin


Similar Part No. - AM3F

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3F-0503SH30Z AIMTEC-AM3F-0503SH30Z Datasheet
263Kb / 4P
3 Watt | DC-DC Converter
AM3F-0503SH52Z AIMTEC-AM3F-0503SH52Z Datasheet
263Kb / 4P
3 Watt | DC-DC Converter
AM3F-0503SZ AIMTEC-AM3F-0503SZ Datasheet
263Kb / 4P
3 Watt | DC-DC Converter
AM3F-0503SZ AIMTEC-AM3F-0503SZ Datasheet
362Kb / 3P
3 Watt | DC-DC Converter
AM3F-0505SH30Z AIMTEC-AM3F-0505SH30Z Datasheet
263Kb / 4P
3 Watt | DC-DC Converter
More results

Similar Description - AM3F

ManufacturerPart #DatasheetDescription
logo
Power-One
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
3 Watt DC-DC Converters
logo
AIMTEC
AM3N-D AIMTEC-AM3N-D Datasheet
215Kb / 2P
3 watt dc-dc converters
AM3N-S AIMTEC-AM3N-S Datasheet
236Kb / 2P
3 watt dc-dc converters
AM3T AIMTEC-AM3T Datasheet
280Kb / 3P
3 watt dc-dc converters
AM3T-N AIMTEC-AM3T-N Datasheet
282Kb / 3P
3 watt dc-dc converters
AM3TW AIMTEC-AM3TW Datasheet
260Kb / 2P
3 watt dc-dc converters
logo
RSG Electronic Componen...
EC3AE01M RSG-EC3AE01M Datasheet
859Kb / 1P
3 WATT DC-DC CONVERTERS
EC3SA-05S33 RSG-EC3SA-05S33 Datasheet
239Kb / 1P
3 WATT REGULATED DC-DC CONVERTERS
logo
List of Unclassifed Man...
UM1001 ETC2-UM1001 Datasheet
286Kb / 2P
3 Watt DC-DC Converters
logo
CINCON ELECTRONICS Corp...
EC3AE CINCON-EC3AE Datasheet
176Kb / 2P
3 WATT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com