Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1725CS Datasheet(PDF) 24 Page - Linear Technology

Part # LT1725CS
Description  General Purpose Isolated Flyback Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1725CS Datasheet(HTML) 24 Page - Linear Technology

Back Button LT1725CS Datasheet HTML 20Page - Linear Technology LT1725CS Datasheet HTML 21Page - Linear Technology LT1725CS Datasheet HTML 22Page - Linear Technology LT1725CS Datasheet HTML 23Page - Linear Technology LT1725CS Datasheet HTML 24Page - Linear Technology LT1725CS Datasheet HTML 25Page - Linear Technology LT1725CS Datasheet HTML 26Page - Linear Technology LT1725CS Datasheet HTML 27Page - Linear Technology LT1725CS Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
LT1725
1725f
TYPICAL APPLICATIO S
TELECOM 48V TO ISOLATED 5V APPLICATION
The design in Figure 10 accepts an input voltage in the
range of 36V to 72V and outputs an isolated 5V at up to 2A.
Transformer T1 is available as a Coiltronics CTX02-14989.
Capacitor C7 sets the switching frequency at approxi-
mately 275kHz. Optimal load compensation for the trans-
former and secondary circuit components is set by resistor
R8. Output voltage regulation and overall efficiency are
shown in the accompanying graphs. Efficiency is shown
both with and without the R11 preload. The resistor divider
formed by R13 and R14 sets the undervoltage lockout
threshold at about 32V, with a hysteresis band of about 2V.
The soft-start and 3VOUT features are unused as shown.
R2
0.18
Ω
M1
IRF620
T1
CTX02-14989
VOUT
5V
1725 F10a
R7
51k
R6
51k
C7
47pF
63
14
10
9
8
7
13
12
4
5
15
11
1
2
16
C6
1nF
R8
2.7k
R12
68
Ω
R1
47k
VIN
R10
22
Ω
R13
820k
R14
33k
R5
51k
R4
3.01k
1%
R3
35.7k
1%
C8
0.1
µF
+
C3
150
µF
D1
12CWQ06
R9
18
Ω
C5
470pF
D2
BAS16
+
C4
150pF
C2
1.5
µF
C1
15
µF
4
2
11
9
12
10
1
6
R11
51
Ω
1W
C9
100pF
C10
1
µF
PGND
ISENSE
GATE
VC
FB
VCC
UVLO
3VOUT
SGND
RCMPC
ROCMP
MENAB
LT1725
ENDLY
SFST
OSCAP
tON
Figure 10. 48V to Isolated 5V Converter
ILOAD (A)
0
5.00
1725 F10b
4.75
0.5
1.0
1.5
2.0
5.25
VIN = 36V
VIN = 72V
VIN = 48V
ILOAD (A)
0.01
60
70
80
90
0.1
1
10
1725 F10c
50
40
30
20
VIN = 48V
WITHOUT R11
PRELOAD
WITH R11
PRELOAD
Application Regulation
Application Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com