Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCV46 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BCV46
Description  60V PNP DARLINGTON TRANSISTOR IN SOT23
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCV46 Datasheet(HTML) 3 Page - Diodes Incorporated

  BCV46 Datasheet HTML 1Page - Diodes Incorporated BCV46 Datasheet HTML 2Page - Diodes Incorporated BCV46 Datasheet HTML 3Page - Diodes Incorporated BCV46 Datasheet HTML 4Page - Diodes Incorporated BCV46 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCV46
Document Number: DS33002 Rev. 4 - 2
3 of 5
www.diodes.com
January 2013
© Diodes Incorporated
BCV46
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
-80
-
-
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
-60
-
-
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-10
-
-
V
IE = -10µA
Collector Cutoff Current
ICBO
-
-
<1
-
-100
-10
nA
µA
VCB = -60V
VCB = -60V, TA = +150°C
Emitter Cutoff Current
IEBO
-
<1
-100
nA
VEB = -4V
ON CHARACTERISTICS (Note 9)
Static Forward Current Transfer Ratio
hFE
2,000
4,000
10,000
2,000
-
-
-
-
-
-
-
-
-
IC = -100µA, VCE = -1V
IC = -10mA, VCE = -5V
IC = -100mA, VCE = -5V
IC = -500mA, VCE = -5V
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
-1.0
V
IC = - 100mA, IB = -0.1mA
Base-Emitter Saturation Voltage
VBE(sat)
-
-
-1.5
V
IC = -100mA, IB = -0.1mA
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
-
200
-
MHz
VCE = -5V, IC = -50mA,
f = 20MHz
Output Capacitance
Cobo
-
4.5
-
pF
VCB = -10V, f = 1MHz
Notes:
9. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com