Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCXL010DN Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SCXL010DN
Description  Microstructure Pressure Sensors Precision Compensated 0 in H2O to 4 in H2O and 0 in H2O to 10 in H2O
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SCXL010DN Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SCXL010DN Datasheet HTML 1Page - Honeywell Solid State Electronics Center SCXL010DN Datasheet HTML 2Page - Honeywell Solid State Electronics Center SCXL010DN Datasheet HTML 3Page - Honeywell Solid State Electronics Center SCXL010DN Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microstructure Pressure Sensors
Precision Compensated
0 in H
2O to 4 in H2O and 0 in H2O to 10 in H2O
SCXL Series
FEATURES
• Very Low Pressure
Resolution
• Precision Temperature
Compensation
• Small Size
• Low Noise
• Calibrated Zero & Span
• High Impedance for Low
Power Applications
TYPICAL APPLICATIONS
• Air Flow
• Respirators
The SCXL series sensors provide a very cost-effective solution for pressure
applications that require high accuracy over very low operating pressure
ranges. These internally calibrated and temperature compensated sensors
were specifically designed to provide an accurate and stable output over a
0 °C to 50 °C [32
°F to 122 °F] temperature range. This series is intended for
use with non-corrosive, non-ionic working fluids such as air, dry gases and
the like.
• HVAC
• Medical Equipment
• Computer Peripherals
• Pneumatic Controls
The output of the bridge is ratiometric to the supply voltage. Operation from
any dc supply voltage up to 18 Vdc [Model SCXL004DN] or 20 Vdc
[SCXL010DN] is acceptable.
Contact your local honeywell representative or go to Honeywell’s website at
www.honeywell.com/sensing for additional details.
WARNING
PERSONAL INJURY
DO NOT USE these
products as safety or
emergency stop devices or
in any other application
where failure of the product
could result in personal
injury.
Failure to comply with
these instructions could
result in death or serious
injury.
WARNING
MISUSE OF DOCUMENTATION
• The information presented in this product sheet is for reference only. Do
not use this document as a product installation guide.
• Complete installation, operation, and maintenance information is provided
in the instructions supplied with each product.
Failure to comply with these instructions could result in death or
serious injury.
Sensing and Control


Similar Part No. - SCXL010DN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCXL004DN ETC1-SCXL004DN Datasheet
125Kb / 3P
Precision Compensated, Low Pressure Sensors
More results

Similar Description - SCXL010DN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX906 MOTOROLA-MPX906 Datasheet
114Kb / 6P
0 to 6 kPa (0 to 24 in. H2O) WATER VAPOR COMPATIBLE 20 mV FULL SCALE SPAN (TYPICAL)
logo
Sensortechnics GmbH
SDX15A2-A SENSORTECHNICS-SDX15A2-A Datasheet
91Kb / 4P
Precision compensated pressure sensors in DIP package
logo
Molex Electronics Ltd.
46055 MOLEX-46055 Datasheet
169Kb / 2P
Mini-Fit H2O??Sealed Interconnect System
logo
Honeywell Accelerometer...
SDXL005D4 HONEYWELL-ACC-SDXL005D4 Datasheet
242Kb / 3P
0-5 H2O Compensated Pressure Sensors in a DIP Package
logo
Honeywell Solid State E...
SX7001D HONEYWELL-SX7001D Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX100GSMT HONEYWELL-SX100GSMT Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
logo
All Sensors Corporation
DS-0025 ASC-DS-0025 Datasheet
86Kb / 6P
1 mbar (0.4 In H2O) to 30 In H2O Pressure Sensors
DS-0026 ASC-DS-0026 Datasheet
53Kb / 6P
1 mbar (0.4 In H2O) to 30 In H2O Pressure Sensors
DS-0027 ASC-DS-0027 Datasheet
163Kb / 2P
-10 cm H2O to120 cm H2O Pressure Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com