Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DTA Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2DTA
Description  Thin Film on Silicon 2DEA Integrated ESD Protection Diode Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2DTA Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2DTA Datasheet HTML 1Page - Bourns Electronic Solutions 2DTA Datasheet HTML 2Page - Bourns Electronic Solutions 2DTA Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Thin Film on Silicon 2DTA High Performance Memory Bus Terminator
Features
■
Lead free versions available
■
RoHS compliant (lead free version)*
■
18 termination channels
■
Incorporates 36 bi-directional Schottky-
based diodes
■
Small form factor replaces 18 SOT23
packages
■
Low forward voltage (2 options available)
■
Very fast recovery time
General Information
The Model 2DTA Series High Performance Memory Bus
Terminator is well-suited for high speed bus termination
applications where variable bus loading and very low
terminator power dissipation are required. This very efficient
high speed terminator array is highly integrated and is very
effective for use in space constrained applications such as PC
notebooks and motherboards, engineering workstations and
portable battery powered devices. Two performance options
are available. The higher grade 2DTA-5 with a maximum
forward voltage of 0.75 V is suited for ultra-fast and dense
memory termination configurations. The 2DTA-10, with a
maximum specified forward voltage of 0.85 V is primarily
targeted to general purpose applications where board space is
critical.
Package Schematic
18
7
17
8
16
9
15
10
14
11
13
12
23
24
2
1
22
3
21
4
20
5
19
6
GND
GND
VDD
VDD
GND
VDD
Electrical Characteristics
Symbol
Minimum
Nominal
Maximum
Unit
VDD
-0.3
+7
V
Channel Clamp Current (continuous)
IC
±50
mA
2DTA-5 Forward Voltage:
@If = 16 mA
Vf
0.4
0.65
V
@If = 50 mA
Vf
0.5
0.75
V
2DTA-10 Forward Voltage:
@If = 16 mA
Vf
0.5
0.75
V
@If = 50 mA
Vf
0.65
0.85
V
Leakage Current @ Max. VDD
0.1
5
µA
Diode Capacitance
5pF
Diode Ohmic Resistance
5
Ω
Charge Carrier Lifetime
tl
100
pS
Environmental Characteristics
ESD Protection (Mil-Std-883 Method 3015)
4
KV
Operating Temperature
TJ
-55
+125
°C
Storage Temperature
Tstg
-65
+150
°C
Diode Power Rating
20
mW/diode
Electrical & Environmental Characteristics
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex


Similar Part No. - 2DTA

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
2DT327UGK-N DALLAS-2DT327UGK-N Datasheet
2Mb / 7P
An economical means of transferring power
logo
Bourns Electronic Solut...
2DTF BOURNS-2DTF Datasheet
262Kb / 3P
Thin Film On Silicon 2DTF 1284 Terminator/Filter with Integrated ESD Array
2DTF-V01M-Q24R BOURNS-2DTF-V01M-Q24R Datasheet
262Kb / 3P
Thin Film On Silicon 2DTF 1284 Terminator/Filter with Integrated ESD Array
2DTF-V01M-Q24RLF BOURNS-2DTF-V01M-Q24RLF Datasheet
262Kb / 3P
Thin Film On Silicon 2DTF 1284 Terminator/Filter with Integrated ESD Array
2DTF-V01M-Q24T BOURNS-2DTF-V01M-Q24T Datasheet
262Kb / 3P
Thin Film On Silicon 2DTF 1284 Terminator/Filter with Integrated ESD Array
More results

Similar Description - 2DTA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GMDA05 VISHAY-GMDA05 Datasheet
80Kb / 3P
ESD Protection Diode Array
02-Jun-03
logo
Bourns Electronic Solut...
2DTG BOURNS-2DTG Datasheet
439Kb / 3P
Thin Film On Silicon 2DTG Super Terminator/Filter with Integrated ESD Array
2DTF BOURNS-2DTF Datasheet
262Kb / 3P
Thin Film On Silicon 2DTF 1284 Terminator/Filter with Integrated ESD Array
2DEA BOURNS-2DEA Datasheet
267Kb / 3P
Integrated ESD Protection Diode Array
logo
SeCoS Halbleitertechnol...
KS05V4 SECOS-KS05V4 Datasheet
337Kb / 3P
Integrated ESD Protection array
KS05E4 SECOS-KS05E4 Datasheet
96Kb / 3P
Integrated ESD Protection Array
KS05E4 SECOS-KS05E4_15 Datasheet
96Kb / 3P
Integrated ESD Protection Array
KS05V4 SECOS-KS05V4_15 Datasheet
99Kb / 3P
Integrated ESD Protection Array
logo
Jinan Jing Heng Electro...
ESDN2L1006C5V01L JINGHENG-ESDN2L1006C5V01L Datasheet
552Kb / 4P
ESD Protection Diode Array
ESDT6L23A5V04R JINGHENG-ESDT6L23A5V04R Datasheet
526Kb / 4P
ESD Protection Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com