Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2QSP20-RJ1-472LF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2QSP20-RJ1-472LF
Description  Thin Film on Silicon 2QSP / 2NBS -XX1 Isolated Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2QSP20-RJ1-472LF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2QSP20-RJ1-472LF Datasheet HTML 1Page - Bourns Electronic Solutions 2QSP20-RJ1-472LF Datasheet HTML 2Page - Bourns Electronic Solutions 2QSP20-RJ1-472LF Datasheet HTML 3Page - Bourns Electronic Solutions 2QSP20-RJ1-472LF Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Thin Film on Silicon 2QSP / 2NBS -XX1 Isolated Resistors
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
Lead free versions available
RoHS compliant (lead free version)*
Multiple isolated resistors
Stable thin-film-on-silicon technology
Ultra-miniature packages to JEDEC
standards
Applications
Series bus resistance
Pull-up/pull-down
Ideal for space-constrained applications
General Information
Isolated resistor networks are commonly used in digital
circuits where series resistors are required on the system
bus. Fabricated with Tantalum Nitride and Nickel Chromium
technology on Silicon, these resistors feature excellent
stability, TCR and tracking performance. This product series
is available in a range of miniature package types
conforming to JEDEC standards.
Package Schematic
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
Electrical Characteristics
Symbol
Minimum
Nominal
Maximum
Unit
Resistance Range
R
10
100 K
Tolerance:
Absolute
±0.5 %
±5 %
Ratio
±0.1 %
±2 %
TCR:
Absolute
100
150
ppm/°C
Tracking
25
ppm/°C
Operating Voltage
50
V
Environmental Characteristics
ESD
2 K
V
Operating Temperature
TJ
-55
+125
°C
Storage Temperature
Tstg
-65
+150
°C
Power Rating per Resistor @ 70 °C
0.1
Watt
Power Rating per Package @ 70 °C:
QSOP:
16 Pin
0.75
Watt
20, 24 Pin
1.00
Watt
28 Pin
1.12
Watt
NBSOIC: 8 Pin
0.60
Watt
14, 16 Pin
1.00
Watt
Electrical & Environmental Characteristics
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex


Similar Part No. - 2QSP20-RJ1-472LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2QSP20-RJ3-221331LF BOURNS-2QSP20-RJ3-221331LF Datasheet
355Kb / 4P
Thin Film on Silicon 2QSP / 2NBS-XX3 Dual Terminator
More results

Similar Description - 2QSP20-RJ1-472LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2QSP20-TJ3-221331LF BOURNS-2QSP20-TJ3-221331LF Datasheet
355Kb / 4P
Thin Film on Silicon 2QSP / 2NBS-XX3 Dual Terminator
logo
Vishay Siliconix
PWA VISHAY-PWA Datasheet
105Kb / 3P
Thin Film Power Resistors
29-Apr-15
PWB VISHAY-PWB Datasheet
104Kb / 3P
Thin Film Power Resistors
12-Mar-08
logo
Riedon Powertron
PF2270 RIEDON-PF2270 Datasheet
252Kb / 2P
Thin Film Power Resistors
logo
Bourns Electronic Solut...
2QSP16-TJ2-332LF BOURNS-2QSP16-TJ2-332LF Datasheet
348Kb / 4P
Thin Film on Silicon 2QSP / 2NBS-XX2 Bussed Resistors
logo
Tyco Electronics
CPF0603B2K2E1 MACOM-CPF0603B2K2E1 Datasheet
2Mb / 6P
Thin Film Precision Resistors
logo
Vishay Siliconix
PWB VISHAY-PWB Datasheet
87Kb / 3P
Thin Film Power Resistors
12-Mar-08
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
Thin Film MELF Resistors
28-Jun-11
logo
TE Connectivity Ltd
CPF TEC-CPF Datasheet
300Kb / 9P
Thin Film Precision Resistors
logo
Vishay Siliconix
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
Thin Film MELF Resistors
12-Jun-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com