Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD243 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # BD243
Description  NPN SILICON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BD243 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  BD243 Datasheet HTML 1Page - Bourns Electronic Solutions BD243 Datasheet HTML 2Page - Bourns Electronic Solutions BD243 Datasheet HTML 3Page - Bourns Electronic Solutions BD243 Datasheet HTML 4Page - Bourns Electronic Solutions BD243 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BD243, BD243A, BD243B, BD243C
NPN SILICON POWER TRANSISTORS
P R O D UCT
INFORMA TION
1
JUNE 1973 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
Designed for Complementary Use with the
BD244 Series
65 W at 25°C Case Temperature
6 A Continuous Collector Current
10 A Peak Collector Current
Customer-Specified Selections Available
absolute maximum ratings at 25°C case temperature (unless otherwise noted)
NOTES: 1. This value applies for tp ≤ 0.3 ms, duty cycle ≤ 10%.
2. Derate linearly to 150°C case temperature at the rate of 0.52 W/°C.
3. Derate linearly to 150°C free air temperature at the rate of 16 mW/°C.
4. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = 0.4 A, RBE = 100 Ω,
VBE(off) = 0, RS = 0.1 Ω, VCC = 20 V.
RATING
SYMBOL
VALUE
UNIT
Collector-emitter voltage (RBE = 100 Ω)
BD243
BD243A
BD243B
BD243C
VCER
55
70
90
115
V
Collector-emitter voltage (IC = 30 mA)
BD243
BD243A
BD243B
BD243C
VCEO
45
60
80
100
V
Emitter-base voltage
VEBO
5V
Continuous collector current
IC
6A
Peak collector current (see Note 1)
ICM
10
A
Continuous base current
IB
3A
Continuous device dissipation at (or below) 25°C case temperature (see Note 2)
Ptot
65
W
Continuous device dissipation at (or below) 25°C free air temperature (see Note 3)
Ptot
2W
Unclamped inductive load energy (see Note 4)
½LIC
2
62.5
mJ
Operating junction temperature range
Tj
-65 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
Lead temperature 3.2 mm from case for 10 seconds
TL
250
°C
B
C
E
TO-220 PACKAGE
(TOP VIEW)
Pin 2 is in electrical contact with the mounting base.
MDTRACA
1
2
3


Similar Part No. - BD243

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD243 MOSPEC-BD243 Datasheet
127Kb / 3P
POWER TRANSISTORS(6A,65W)
logo
Power Innovations Ltd
BD243 POINN-BD243 Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
BD243 FAIRCHILD-BD243 Datasheet
38Kb / 4P
Medium Power Linear and Switching Applications
logo
Boca Semiconductor Corp...
BD243 BOCA-BD243 Datasheet
133Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Savantic, Inc.
BD243 SAVANTIC-BD243 Datasheet
90Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BD243

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com