Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC10A Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SC10A
Description  Power Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SC10A Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SC10A Datasheet HTML 1Page - Bourns Electronic Solutions SC10A Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Asia-Pacific:
TEL +886- (0)2 25624117 • FAX +886- (0)2 25624116
Europe:
TEL +41-41 768 5555 • FAX +41-41 768 5510
The Americas:
TEL +1-951 781-5500 • FAX +1-951 781-5700
www.bourns.com
Reliable Electronic Solutions
COPYRIGHT© 2005, BOURNS, INC. LITHO IN U.S.A., REV. 1/05
Product Schematic
Vin
Vin
12 - Vin
16
15
5 11
Vout - 1
Vout
Vout - 2
Vout - 4
REMOTE SENSE - 3
13 - Vin
100 µf / 10 V
Rdown
Rup
Trim
Gnd
Trim
Gnd
Rdown =
1.01 x (Vin – Vref)
Vref is the output of the converter
as selected using VID0 to VID4
100 µf
10 V
VID0
VID1
ENABLE
VID3
VID4
TRIM
VID2
Vref – Vout
Rup =
1.01 x Vref
Vout – Vref
10
8
6
4
2
0
AMBIENT TEMPERATURE (°C)
200 LFM
-40
100
80
60
40
20
0
-20
OPTIONAL
LOW TEMP
OPERATION
How to Order
S C 10A - 5 S DAC -Z
Configuration
Internal Identifier
Current/Power (Amps)
Input Voltage (Volts)
Outputs
S = Single
Output Voltage
DAC = 5-pin DAC Controlled Output
Options
Z = Industrial Temperature Range (-40 °C Operation)
Temperature Derating
SC10A DAC Series – Power Module



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com