Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC20A Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SC20A
Description  low-cost, 20-Amp, non-isolated DC-DC converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SC20A Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SC20A Datasheet HTML 1Page - Bourns Electronic Solutions SC20A Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SC20A SERIES
HDLV
Family
Electrical Specifications
Nominal Output
Output
Short-circuit
Noise
Efficiency
Input
Voltage Current
Current (A)
(mV pp)
(%)
(V)
(V)
(A)
typ
typ
typ
SC20A-5S3.3
5
3.3
20
27
100
SC20A-5S2.5
5
2.5
20
27
100
SC20A-5S1.9
5
1.9
20
27
100
89
SC20A-5S1.8
5
1.8
20
27
100
SC20A-5S1.5
5
1.5
20
27
100
SC20A-3S2.5
3.3
2.5
20
27
100
SC20A-3S1.9
3.3
1.9
20
27
100
92
SC20A-3S1.8
3.3
1.8
20
27
100
SC20A-3S1.5
3.3
1.5
20
27
100
Standard Options
Add option designators to the end of the part number. Example; SC20A-5S3.3-B
Option
Description
B
No Remote Sense option removes sense pin
F
1 % Setpoint Accuracy
Z
-40 °C Operation
X
Modified pin length followed by three digits (in mils)
Rup
Rdown
Trim Up
Trim Down
0.37 m
0.24
(6.1)
0.45
(11.43)
0.60
(15.24)
0.65
(16.51)
3.00 (76.2)
0.100 (2.54)
1.400 (35.56)
0.012 (0.30)
typ pin thickness
Pin
1,2,4
3
Description
Vout
Remote Sense
(Removed for B option)
Pin
5,6
7,8
9
10
Description
Ground
Vin
Trim
Enable
1.800 (45.72)
1234 5
678 910
0.123 (3.12)
0.135 ±0.015
(3.43 ±0.38)
0.020 (0.51)
typ pin width
Vin
Trim
10
9
5
6
Enable
Remote Sense - 3
SC20A
7 - Vin
8 - Vin
Vout - 1
Vout
Vout - 2
Vout - 4
100 µf/10 V
100 µf
10 V
0.83
(21.08)
ax
(9.4 max)
Vout
Trim
Gnd
Rup =
8.09
-22 (in k
Ω)
Vout - Vnom
All outputs other than 1.5 V Vnom
Trim up when Vnom = 1.5 V
inches (mm)
0.xx ±0.01 inches
0.xxx ±0.005 inches
Note: Component placement may change. Recommended
keep-out area equals maximum length and width.
Rup =
3.176
-10 (in k
Ω)
Vout - Vnom
Rdown =
6.04 Vout-8.09
-22 (in k
Ω)
Vnom - Vout
All outputs other than 1.5 V Vnom
Trim down when Vnom = 1.5V
Rdown =
2.37Vout-3.176
-10 (in k
Ω)
Vnom - Vout
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV. 01/05



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com