Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6436LIB Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL6436LIB
Description  USB Dual Port Power Supply Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6436LIB Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL6436LIB Datasheet HTML 1Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 2Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 3Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 4Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 5Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 6Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 7Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 8Page - Renesas Technology Corp ISL6436LIB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ISL6436
FN9023 Rev 0.00
Page 5 of 13
Aug 10, 2001
Key Feature Description and Operation
UV Lock Out
The ISL6436 undervoltage lockout feature prevents functionality
of the device unless the correct ENABLE state and VIN > 2.5V
are present.
Soft Start
A constant 500nA current source ramps up the switch’s gate
causing a voltage follower effect on the output voltage. This
provides a soft start turn-on eliminating bus voltage drooping
caused by in-rush current charging heavy load capacitances.
Rising and falling outputs are current limited voltage ramps so that
both the inrush current and voltage slew rate are limited,
independent of load. This reduces supply droop due to surge and
also eliminates the need for EMI filters necessary on other IC
products.
Fault Blanking On Start-Up
During initial turn-on the ISL6436 prevents nuisance faults being
reported to the system controller by blanking the fault signal for
12ms. This blanking eliminates the need for external RC filters
necessary for other vendor products that assert a fault signal
upon initial turn-on into a temporary high current condition. See
Figures 10 through 12 for waveform examples.
Current Regulation
The ISL6436 has integrated current sensing on the power
MOSFET that allows for rapid control of OC events. Once an OC
is detected the ISL6436 goes into its current regulation (CR)
control mode. The ISL6436 CR level is set to a nominal 1A. This
current regulation is
25% over the full operating temperature and
voltage bias range. See Figures 4 and 5 for illustrative curves.
The speed of this control is inversely related to the magnitude of
the OC fault. Thus a hard over current is more quickly controlled
than a marginal OC condition. See Figure 6 for waveforms
illustrating this and Figure 7 for an accompanying graph.
Over Temperature Shutdown
Although the ISL6436 has a thermal shutdown feature, because
of the 12ms timed shutdown this will only be invoked in extremely
high ambient temperatures.
Latch-Off Time Delay
The primary function of any OC protection device is to quickly
isolate the voltage bus from a faulty load. Unlike many other IC
products that sense the IC thermal condition (the monitored IC
junction temperature depends on a number of factors the most
important of which are power dissipation of the faulted and
adjacent switches and package temp) to isolate a faulty load,
the ISL6436 uses an internal 12ms timer that starts upon OC
detection. Once an OC condition is detected the appropriate
output is current limited for a maximum of 12ms to allow
transient conditions to pass before latch-off. This time to latch-off
is independent of device thermal or adjacent switch condition.
See Figure 18 for waveforms illustrating independent latch-off.
If, after the ISL6436 has latched off, and the fault has asserted
and, the enable is not deasserted but the OC condition still
exists, the ISL6436 unlike other IC devices does not send to the
controller a continuous string of fault pulses. The ISL6436’s
single fault signal is sent at the time of latch-off unlike other
devices.
Slow And Fast Shutdown
The ISL6436 has two shutdown modes. When turned off with
a load current less than the current regulation (CR) level the
ISL6436 shuts down in a controlled manner using a 500nA
constant current source controlled ramp. When latched off
due to CR and the timer has expired, the ISL6436 quickly
pulls down the output thereby quickly removing the faulted
load from the voltage bus. See Figures 8 and 9 for waveforms
of each mode.
Active Output Pulldown
Another unique ISL6436 feature is the active pull down on the
outputs to 300mV above GND when the device is disabled.
Competitors’ parts’ switch leakage causes the output voltage
to drift up to VIN voltage even when the part is supposed to
be disabled.
OFF
ON
FAULT
LATCH-OFF SET
RESET BY
ENABLE
VOUT
CURRENT
REGULATION
SETTLING TIME
(1.4ms)
OVER CURRENT
12ms CURRENT REGULATION PERIOD
1A CURRENT
LIMIT
ENABLE
IOUT
FIGURE 1. TYPICAL OPERATIONAL WAVEFORMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com