Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B021-SWHD-K Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B021-SWHD-K
Description  1U Rack-Mount Short-Depth HDMI KVM Console KVM Switch with 18.5 in. LCD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B021-SWHD-K Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B021-SWHD-K Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B021-SWHD-K Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B021-SWHD-K Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B021-SWHD-K Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Max Supported Video Resolution
1920 x 1080 @ 60 Hz
INPUT
AC Power Adapter Plug(s)
IEC-320-C14
AC Power Adapter Input Specs (V /
Hz / A)
100-240V / 50/60Hz / 1A
Nominal Input Voltage(s) Supported
100V AC; 120V AC; 127V AC; 208V AC; 220V AC; 230V AC; 240V AC
Voltage Compatibility (VAC)
100; 120; 127; 200; 208; 220; 230; 240
Input Frequency
50/60Hz
Input Current
100V-240V (1A)
Power Input Receptacle
IEC-320-C14
Redundancy - Dual Power Inputs
No
Bus Powered
No
POWER
AC Adapter
100-240V / 50/60Hz / 1A
USER INTERFACE, ALERTS & CONTROLS
LED Indicators
Green (CAPS LOCK, SCROLL LOCK, NUM LOCK)
Dark Green (KVM CONSOLE)
ORANGE (LCD)
PHYSICAL
Color
Black
Material of Construction
Metal + Plastic
Housing Color
Black
Included Mounting Accessories
Rack mounting hardware / rails
LCD Monitor (in.)
18.5
Rackmountable
Yes
Shipping Weight (lbs.)
30.62
Shipping Weight (kg)
13.89
Unit Dimensions (hwd / in.)
1.690 x 18.780 x 18.920
Unit Dimensions (hwd / cm)
1.6 X 18.7 X 18.9
Unit Packaging Type
Box
Unit Weight (lbs.)
19.85
Unit Weight (kg)
9.00
ENVIRONMENTAL
Operating Temperature Range
32° to 104°F (0° to 40°C)
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com