Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8200MMREP Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ISL8200MMREP
Description  Complete Current Share 10A DC/DC Power Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8200MMREP Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ISL8200MMREP Datasheet HTML 13Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 14Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 15Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 16Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 17Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 18Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 19Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 20Page - Renesas Technology Corp ISL8200MMREP Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ISL8200MM
FN7690 Rev 2.00
Page 17 of 24
Mar 15, 2013
Multi-module operation can be achieved by connecting the
ISHARE pin of two or more modules together. In multi-module
operation the voltage on the ISHARE pin correlates to the
average current of all the active channels. The output current of
each module in multi-module operation is compared to a precise
1.2V threshold to determine the overcurrent condition.
Additionally, each module has an overcurrent trip point of 108μA
with 7-cycle delay. This scheme helps protect from damaging a
module(s) in multi-module mode by not having a single module
carrying more than 108μA. Note that it is not necessary for the
RISHARE to be scaled to trip at the same level as the 108μA OCP
comparator. Typically the ISHARE pin average current protection
level should be higher than the phase current protection level. For
instance, when Channel 1 operates independently, the OC trip set
by 1.2V comparator can be lower than 108μA trip point as shown
in Equation 6.
where NCNTL is the number of the ISL8200MMREP modules in
parallel or multi-module operations; ITRIP = 108μA; IOC is the
load overcurrent trip point; TMIN_OFF is the minimum UGATE turn
off time that is 350ns; RISHARE in Equation 7 represents the total
equivalent resistance in ISHARE pin bus of all ICs in multiphase
or module parallel operation.
ISL8200MMREP has a low-side FET with typical rDS(ON) of 9mΩ
(VGS = 10V, IDS = 30A).
Note: ISL8200MMREP has integrated 2.2kΩ resistance (RSEN-IN).
Therefore, the equivalent resistance of RSEN is:
The OC trip point varies in a system mainly due to the MOSFET
rDS(ON) variations (overprocess, current and temperature). To
avoid overcurrent tripping in the normal operating load range,
find the RSEN resistor from Equation 8 of IPEAK with:
1. The maximum rDS(ON) at the highest junction temperature
2. The minimum ISOURCE from the “Electrical Specifications”
table on page 8.
3. Determine IOC for:
where
IL is the output inductor ripple current.
The relationships between the external RSEN-EX values and the
typical output current IOUT(MAX) OCP levels for ISL8200MMREP
are shown in Table 2:
In a high input voltage, high output voltage application, such as
20V input to 5V output, the inductor ripple becomes excessive
due to the fix internal inductor value. In such application, the
output current will be limited from the rating to approximately
70% of the module’s rated current.
When OCP is triggered, the controller pulls EN low immediately to
turn off UGATE and LGATE.
For overload and hard short condition, the overcurrent protection
reduces the regulator RMS output current much less than full
load by putting the controller into hiccup mode. A delay time,
equal to 3 soft-start intervals, is entered to allow the disturbance
to be cleared out. After the delay time, the controller then
initiates a soft-start interval. If the output voltage comes up and
returns to the regulation, PGOOD transitions high. If the OC trip is
exceeded during the soft-start interval, the controller pulls EN low
again. The PGOOD signal will remain low and the soft-start
interval will be allowed to expire. Another soft-start interval will
be initiated after the delay interval. If an overcurrent trip occurs
again, this same cycle repeats until the fault is removed.
Oscillator
The Oscillator is a sawtooth waveform, providing for leading edge
modulation with 350ns minimum dead time. The oscillator
(Sawtooth) waveform has a DC offset of 1.0V. Each channel’s
peak-to-peak of the ramp amplitude is set proportionally to the
voltage applied to its corresponding FF pin.
Frequency Synchronization and Phase Lock
Loop
The FSYNC_IN pin has two primary capabilities: fixed frequency
operation and synchronized frequency operation. By tying a
resistor (RFS) to PGND1 from the FSYNC_IN pin, the switching
frequency can be set at any frequency between 700kHz and
1.5MHz. The ISL8200MMREP has an integrated 59kΩ resistor
between FSYNC_IN and PGND1, which sets the default frequency
to 700kHz. The frequency setting curve shown in Figure 27 is
provided to assist in selecting an externally connected resistor
RFS-ext between FSYNC_IN and PGND1 to increase the switching
frequency.
RISEN1
IOC
VOUT
L
----------------
1D
–
2FSW
---------------- TMIN_OFF
–


+



RDS
ITRIP
------------------------------------------------------------------------------------------------------------------------
=
RISHARE
1.2V
ITRIP
---------------
=
RISET
RISHARE NCNTL
=
(EQ. 6)
RSEN
RSEN-EX RSEN-IN
RSEN-EX RSEN-IN
+
--------------------------------------------------------
=
(EQ. 7)
IOC IOUT MAX

IL

2
-------------
+
(EQ. 8)
TABLE 2.
RSEN-EX
OCP (A) @
VIN = 12V
OPEN
17
50kΩ
15.5
20kΩ
14.5
10kΩ
14
5kΩ
12.5
3kΩ
11
2kΩ
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com