Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD2USB5UX-T Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PESD2USB5UX-T
Description  Automotive infotainment ESD protection diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD2USB5UX-T Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PESD2USB5UX-T Datasheet HTML 1Page - Nexperia B.V. All rights reserved PESD2USB5UX-T Datasheet HTML 2Page - Nexperia B.V. All rights reserved PESD2USB5UX-T Datasheet HTML 3Page - Nexperia B.V. All rights reserved PESD2USB5UX-T Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD2USB5UX-T Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD2USB5UX-T Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD2USB5UX-T Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD2USB5UX-T Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD2USB5UX-T Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
PESD2USB5UX-T
Automotive infotainment ESD protection diode
aaa-031887
VCL (V)
0
12
8
4
8
12
4
16
20
IPP
(A)
0
tp = 100 ns; rise time = 1 ns; Transmission Line
Pulse (TLP)
Fig. 5. Dynamic resistance with positive clamping;
typical values
aaa-031888
VCL (V)
-12
0
-4
-8
-12
-8
-16
-4
0
IPP
(A)
-20
tp = 100 ns; rise time = 1 ns; Transmission Line
Pulse (TLP)
Fig. 6. Dynamic resistance with negative clamping;
typical values
VCL (V)
0
5
4
2
3
1
aaa-031889
2
1
3
4
IPP
(A)
0
IEC 61000-4-5; tp = 8/20 μs; positive pulse
Fig. 7. Dynamic resistance with positive clamping;
typical values
VCL (V)
-5
0
-1
-3
-2
-4
aaa-031890
-2
-3
-1
0
IPP
(A)
-4
IEC 61000-4-5; tp = 8/20 μs; positive pulse
Fig. 8. Dynamic resistance with negative clamping;
typical values
PESD2USB5UX-T
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
9 September 2020
5 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com