Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705MC4GRS/D Datasheet(PDF) 144 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 144 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 140Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 141Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 142Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 143Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 144Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 145Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 146Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 147Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 148Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 180 page
background image
Core Timer
MC68HC705MC4 — Rev. 2.0
Core Timer
12.5 Ctimer Counter Register
The core timer counter register is a read-only register that contains the
current value of the 8-bit ripple counter at the beginning of the timer
chain. This counter is clocked at fop divided by 4 and can be used for
various functions including a software input capture. Extended time
periods can be attained using the CTOF function to increment a
temporary RAM storage location, thereby simulating a 16-bit (or more)
counter.
The power-on cycle clears the entire counter chain and begins clocking
the counter. After 4064 cycles, the power-on reset circuit is released that
again clears the counter chain and allows the device to come out of
reset. At this point, if RESET is not asserted, the timer will start counting
up from zero and normal device operation will begin. When RESET is
asserted anytime during operation (other than POR), the counter chain
will be cleared.
12.6 Core Timer during Wait Mode
The CPU clock halts during wait mode, but the timer remains active. If
the interrupts are enabled, the timer interrupt will cause the processor to
exit wait mode.
Address:
$0009
Bit 7
654321
Bit 0
Read:
CTCR7
CTCR6
CTCR5
CTCR4
CTCR3
CTCR2
CTCR1
CTCR0
Write:
Reset:
11111111
Figure 12-3. Core Timer Counter Register (CTCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com