Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705MC4GRS/D Datasheet(PDF) 58 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 54Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 55Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 56Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 57Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 58Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 59Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 60Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 61Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 180 page
background image
Operating Modes
MC68HC705MC4 — Rev. 2.0
Operating Modes
Figure 6-3. Programming Circuit
V
DD
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
CLK
RST
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
MC14040B
D0
D1
D2
D3
D4
D5
D6
D7
OSC1
OSC2
RESET
PC0
PC7
PC6
PC4
PC5
IRQ/VPP
PROG
VERF
2764
CE
OE
(SYNC)
PC3
PC2
PC1
V
DD
V
DD
V
DD
V
DD
V
PP
6.0 MHz
8
7
9
11
12
18
17
13
14
15
16
5
3
2
1
28
27
26
25
10
9
8
7
6
5
4
3
25
24
21
23
2
9
7
6
5
3
2
4
13
12
14
15
1
11
10
10
11
12
13
15
16
17
18
19
20
22
All Resistors are 10 K
Ω unless otherwise specified
390
Ω
390
Ω
V
DD
16
8
V
SS
V
DD
4
6
14
28
27
1
V
DD
47 k
Ω
0.1
µF
0.1
µF + 10 µF to decouple V
DD/VSS
2 M
Ω*
20 pF
*
20 pF
*
0.1
µF
100
Ω
*Typical values. Refer to manufacturer’s recommendations.
PD7
20
705MC4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com