Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68SC302ADS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # M68SC302ADS
Description  Passive ISDN Protocol Engine
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

M68SC302ADS Datasheet(HTML) 8 Page - NXP Semiconductors

  M68SC302ADS Datasheet HTML 1Page - NXP Semiconductors M68SC302ADS Datasheet HTML 2Page - NXP Semiconductors M68SC302ADS Datasheet HTML 3Page - NXP Semiconductors M68SC302ADS Datasheet HTML 4Page - NXP Semiconductors M68SC302ADS Datasheet HTML 5Page - NXP Semiconductors M68SC302ADS Datasheet HTML 6Page - NXP Semiconductors M68SC302ADS Datasheet HTML 7Page - NXP Semiconductors M68SC302ADS Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SEMICONDUCTOR PRODUCT INFORMATION
ADS FEATURES
• MC68SC302 operating at 20.48Mhz.
• ISA half-card form factor modified with PCMCIA extender card.
• Host PC connection via either ISA Bus or PCMCIA bus.
• ISA Plug and Play Interface.
• Powered by the ISA or PCMCIA connectors with option to power from bench supply.
• The U interface transceiver MC145572 configurable to either NT or LT mode.
• The S/T interface transceiver MC145574 configurable to either TE or NT mode.
• Options to communicate with U and S/T transceivers via either the IDL/SCP bus or the GCI bus.
• Logic analyzer connectors to probe MC68SC302 and ISA/PCMCIA bus activity.
• 128-pin expansion connector providing access to the SC302 pins for customer daughter cards. This
includes access to the ISA/PCMCIA bus pins.
• Options for three types of serial EEPROM for the PCMCIA or ISA Configuration.
ADS ORDERING INFORMATION
DEVELOPMENT PLATFORM
ORDER NUMBER
ADS Board for M68SC302
M68SC302ADS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
Information in this document is provided solely to enable system and software
implementers to use Freescale Semiconductor products. There are no express or
implied copyright licenses granted hereunder to design or fabricate any integrated
circuits or integrated circuits based on the information in this document.
Freescale Semiconductor reserves the right to make changes without further notice to
any products herein. Freescale Semiconductor makes no warranty, representation or
guarantee regarding the suitability of its products for any particular purpose, nor does
Freescale Semiconductor assume any liability arising out of the application or use of
any product or circuit, and specifically disclaims any and all liability, including without
limitation consequential or incidental damages. “Typical” parameters which may be
provided in Freescale Semiconductor data sheets and/or specifications can and do
vary in different applications and actual performance may vary over time. All operating
parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. Freescale Semiconductor does not convey any license
under its patent rights nor the rights of others. Freescale Semiconductor products are
not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life,
or for any other application in which the failure of the Freescale Semiconductor product
could create a situation where personal injury or death may occur. Should Buyer
purchase or use Freescale Semiconductor products for any such unintended or
unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all
claims, costs, damages, and expenses, and reasonable attorney fees arising out of,
directly or indirectly, any claim of personal injury or death associated with such
unintended or unauthorized use, even if such claim alleges that Freescale
Semiconductor was negligent regarding the design or manufacture of the part.
RoHS-compliant and/or Pb- free versions of Freescale products have the functionality
and electrical characteristics of their non-RoHS-compliant and/or non-Pb- free
counterparts. For further information, see http://www.freescale.com or contact your
Freescale sales representative.
For information on Freescale.s Environmental Products program, go to
http://www.freescale.com/epp.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com