Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX41Q Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BCX41Q
Description  125V NPN MEDIUM POWER TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCX41Q Datasheet(HTML) 4 Page - Diodes Incorporated

  BCX41Q Datasheet HTML 1Page - Diodes Incorporated BCX41Q Datasheet HTML 2Page - Diodes Incorporated BCX41Q Datasheet HTML 3Page - Diodes Incorporated BCX41Q Datasheet HTML 4Page - Diodes Incorporated BCX41Q Datasheet HTML 5Page - Diodes Incorporated BCX41Q Datasheet HTML 6Page - Diodes Incorporated BCX41Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BCX41Q
Document number: DS39808 Rev. 1 - 2
4 of 7
www.diodes.com
October 2017
© Diodes Incorporated
BCX41Q
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
BVCES
125
V
IC = 100µA
Collector-Emitter Breakdown Voltage (Note 10)
BVCEO
125
V
ICEO = 10mA
Emitter-Base Breakdown Voltage
BVEBO
7
V
IEBO = 10µA
Collector-Base Cut-Off Current
ICES
100
10
nA
µA
VCB = 100V
VCB = 100V, TA = +150°C
Collector Cut-Off Current
ICEX
10
75
µA
µA
VCE = 100V, VBE = 0.2V,
TA = +85°C
VCE = 100V, VBE = 0.2V,
TA = +125°C
Emitter-base Cut-off Current
IEBO
100
nA
VEB = 5.6V
ON CHARACTERISTICS (Note 10)
Static Forward Current Transfer Ratio
hFE
25
63
40
IC = 100µA, VCE = 1V
IC = 100mA, VCE = 1V
IC = 200mA, VCE = 1V
Collector-Emitter Saturation Voltage
VCE(SAT)
0.9
V
IC = 300mA, IB = 30mA
Base-Emitter Saturation Voltage
VBE(SAT)
1.4
V
IC = 300mA, IB = 30mA
SMALL SIGNAL CHARACTERISTICS (Note 10)
Transition Frequency
fT
100
MHz
IC = 10mA, VCE = 5V,
f = 20MHz
Output Capacitance
COBO
12
pF
VCB = 10V, f = 1MHz
Note:
10. Measured under p
ulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com