Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70003SEHF/PROTO Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # ISL70003SEHF/PROTO
Description  Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70003SEHF/PROTO Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button ISL70003SEHF/PROTO Datasheet HTML 23Page - Renesas Technology Corp ISL70003SEHF/PROTO Datasheet HTML 24Page - Renesas Technology Corp ISL70003SEHF/PROTO Datasheet HTML 25Page - Renesas Technology Corp ISL70003SEHF/PROTO Datasheet HTML 26Page - Renesas Technology Corp ISL70003SEHF/PROTO Datasheet HTML 27Page - Renesas Technology Corp ISL70003SEHF/PROTO Datasheet HTML 28Page - Renesas Technology Corp ISL70003SEHF/PROTO Datasheet HTML 29Page - Renesas Technology Corp ISL70003SEHF/PROTO Datasheet HTML 30Page - Renesas Technology Corp ISL70003SEHF/PROTO Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ISL70003SEH
FN8604 Rev 6.00
Page 27 of 32
December 8, 2016
Package Characteristics
Weight of Packaged Device
1.43 Grams (typical) - R64.A Package
2.65 Grams (typical) - R64.C Package
Lid Characteristics
Finish: Gold
Lid Potential: PGND
Die Characteristics
Die Dimensions
8300µm x 8300µm (327 mils x 327 mils)
Thickness: 300µm ±25.4µm (12 mils ±1 mil)
Interface Materials
GLASSIVATION
Type: Silicon Oxide and Silicon Nitride
Thickness: 0.3µm ±0.03µm to 1.2µm ±0.12µm
TOP METALLIZATION
Type: AlCu (99.5%/0.5%)
Thickness: 2.7µm ±0.4µm
BACKSIDE FINISH
Silicon
PROCESS
0.6µM BiCMOS Junction Isolated
ASSEMBLY RELATED INFORMATION
Substrate and Lid Potential
PGND
ADDITIONAL INFORMATION
Worst Case Current Density
<2 x 105 A/cm2
Transistor Count
26,144
Metallization Mask Layout
ISL70003SEH
PVIN1
LX1
PGND1
PVIN2
LX2
PGND2
PVIN10
LX10
PGND10
PVIN9
LX9
PGND9
GND
GND
GND
GND
GND
PGOOD
SEL1
SEL2
VREF
BUFOUT
BUFIN-
BUFIN+
OCSETB
OCSETA
SGND
IMON
DE
ORIGIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com