Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71841SEHF/PROTO Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL71841SEHF/PROTO
Description  Radiation Hardened 30V 32-Channel Analog Multiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71841SEHF/PROTO Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL71841SEHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL71841SEHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL71841SEHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL71841SEHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL71841SEHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL71841SEHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL71841SEHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL71841SEHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL71841SEHF/PROTO Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
ISL71841SEH
FN8735 Rev. 7.00
Page 7 of 30
Feb 23, 2018
Switch On Leakage Current into
the Source/Drain
ID(ON)
VIN = VOUT = V+ - 5V, TA = +25°C, -55°C
All unused inputs = V- + 5V, V± = ±16.5V
-10
-
10
nA
TA = +125°C
0
-
120
nA
Post radiation
-100
-
100
nA
VIN = VOUT = V- + 5V, TA = +25°C, -55°C
All unused inputs = V- + 5V, V± = ±16.5V
-10
-
10
nA
TA = +125°C
-120
-
0
nA
Post radiation
-100
-
100
nA
Logic Input High/Low Voltage
VAH/L, VENH/L
VREF = 5.0V
1.2
-
1.6
V
Input Current with VAH, VENH
IAH, IENH
VA = VEN = 4.0V
V+= 16.5V, V- = -16.5V
-100
-
100
nA
Input Current with VAL, VENL
IAL, IENL
VA = VEN = 0.8V
V+ = 16.5V, V- = -16.5V
-100
-
100
nA
Quiescent Supply Current
I+
VIN = VA = VEN = 0.8V, V± = ±15.0V, ±16.5V
-
-
400
µA
Quiescent Supply Current
I-
VIN = VA = VEN = 0.8V, V± = ±15.0V, ±16.5V
-400
--
µA
Standby Supply Current
I+
VIN = VA = VEN = 4.0V, V± = ±15.0V, ±16.5V
-
-
400
µA
Standby Supply Current
I-
VIN = VA = VEN = 4.0V, V± = ±15.0V, ±16.5V
-400
--
µA
Supply Current into VREF
IREF
VREF = 5.5V, VIN = VA = VEN = 0.8V,
V± = ±15.0V, ±16.5V
10
-
35
µA
DYNAMIC
Transition Time
tALH
Figures 5, 6
-0.5
800
ns
Transition Time
tAHL
Figures 5, 6
-0.5
800
ns
Break-Before-Make Delay
tBBM
Figures 9, 10 TA = -55°C, +25°C, +125°C
5
50
200
ns
Post radiation
5
-
400
ns
Enable Turn-On Time
tENABLE
Figures 7, 8 TA = -55°C, +25°C, +125°C
-
0.5
600
ns
Post radiation
-
-
800
ns
Disable Turn-Off Time
tDISABLE
Figures 7, 8 TA = -55°C, +25°C, +125°C
-
0.5
600
ns
Post radiation
-
-
800
ns
Charge Injection
VCTE
CL = 100pF, VIN = 0V, (Figure 7)-
2
5
pC
Off Isolation
VISO
VEN = 4V, RL = 1kΩ, f = 200kHz, CL = 7pF,
VRMS = 3V
75
-
-
dB
Crosstalk
VCT
VEN = 0.8V, RL = 1kΩ, f = 200kHz, CL = 7pF,
VRMS = 3V
47
-
-
dB
Digital Input Capacitance
CA
f = 1MHz, V+ = V- = 0V
-
-
7
pF
Input Capacitance
CIN(OFF)
f = 1MHz, V+ = V- = 0V
-
-
5
pF
Output Capacitance
COUT(OFF)
f = 1MHz, V+ = V- = 0V
-
-
50
pF
Electrical Specifications (±15V) V+ = 15V, V- = -15V, V
AH = 4.0V, VAL = 0.8V, VREF = VEN = 5.0V, TA= +25°C, unless otherwise noted.
Boldface limits apply across the operating temperature range,
-55°C to +125°C or across a total ionizing dose of 300krad(Si) with exposure of a high
dose rate of 50 to 300krad(Si)/s or a total ionizing dose of 50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 10)TYP
MAX
(Note 10)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com