Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71841SEHX/SAMPLE Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ISL71841SEHX/SAMPLE
Description  Radiation Hardened 30V 32-Channel Analog Multiplexer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL71841SEHX/SAMPLE Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ISL71841SEHX/SAMPLE Datasheet HTML 2Page - Renesas Technology Corp ISL71841SEHX/SAMPLE Datasheet HTML 3Page - Renesas Technology Corp ISL71841SEHX/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp ISL71841SEHX/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp ISL71841SEHX/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp ISL71841SEHX/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp ISL71841SEHX/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp ISL71841SEHX/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp ISL71841SEHX/SAMPLE Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ISL71841SEH
FN8735 Rev. 7.00
Page 6 of 30
Feb 23, 2018
Switch Off Leakage with Device
Powered Off
IS(OFF) POWER OFF VIN = +25V, VEN/VA/VREF = 0V
V± = OPEN, TA = +25°C
-10
-
10
nA
TA = -55°C, +125°C
-10
-
80
nA
Post radiation
-100
-
100
nA
VIN = -25V, VEN/VA/VREF = 0V
V± = OPEN, TA = +25°C
-10
-
10
nA
TA = -55°C, +125°C
-80
-
10
nA
Post radiation
-100
-
100
nA
Switch On Leakage Current into
the Source (Overvoltage)
IS(ON) OVERVOLT
VIN = +35V, VOUT = 0V, TA = +25°C, -55°C
All unused switch inputs = GND,
V± = ±16.5V
-10
-
10
nA
TA = +125°C
-80
-
80
nA
Post radiation
-500
-
500
nA
VIN = -35V, VOUT = 0V, TA = +25°C, -55°C
All unused switch inputs = GND,
V± = ±16.5V
-10
-
10
nA
TA = +125°C
-20
-
20
nA
Post radiation
-500
-
500
nA
Switch Off Leakage Current into
the Source (Overvoltage)
IS(OFF) OVERVOLT VIN = +35V, VOUT = 0V, TA = +25°C, -55°C
All unused switch inputs = GND,
V± = ±16.5V
-10
-
10
nA
TA = +125°C
-80
-
80
nA
Post radiation
-750
-
750
nA
VIN = -35V, VOUT = 0V, TA = +25°C, -55°C
All unused switch inputs = GND,
V± = ±16.5V
-10
-
10
nA
TA = +125°C
-20
-
20
nA
Post radiation
-750
-
750
nA
Switch Off Leakage
ID(OFF)
VOUT = V+ - 5V, all inputs = V- + 5V
V± = ±16.5V, TA = +25°C, -55°C
-10
-
10
nA
TA = +125°C
0
-
120
nA
Post radiation
-80
-
80
nA
VOUT = V- + 5V, all inputs = V+ - 5V
V± = ±16.5V, TA = +25°C, -55°C
-10
-
10
nA
TA = +125°C
-120
-
0
nA
Post radiation
-80
-
80
nA
Switch Off Leakage Current into
the Drain (Overvoltage)
ID(OFF) OVERVOLT VOUT = 0V, VIN = +35V, V± = ±16.5V
All unused inputs are tied to GND
-10
-
10
nA
Post radiation
-500
-
500
nA
VOUT = 0V, VIN = -35V, V± = ±16.5V
All unused inputs are tied to GND
-10
-
10
nA
Post radiation
-500
-
500
nA
Electrical Specifications (±15V) V+ = 15V, V- = -15V, V
AH = 4.0V, VAL = 0.8V, VREF = VEN = 5.0V, TA= +25°C, unless otherwise noted.
Boldface limits apply across the operating temperature range,
-55°C to +125°C or across a total ionizing dose of 300krad(Si) with exposure of a high
dose rate of 50 to 300krad(Si)/s or a total ionizing dose of 50krad(Si) with exposure at a low dose rate of <10mrad(Si)/s. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 10)TYP
MAX
(Note 10)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com